Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KDV173 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

No. de pieza KDV173
Descripción Electrónicos  SILICON EPITAXIAL PIN TYPE DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDV173 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDV173_15 Datasheet HTML 1Page - KEC(Korea Electronics) KDV173_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1998. 6. 15
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDV173
SILICON EPITAXIAL PIN TYPE DIODE
Revision No : 1
VHF
~UHF BAND RF ATTENUATOR APPLICATIONS.
AGC FOR AM/FM TUNER.
FEATURES
・Low Capacitance : C
T=0.25[pF] (Typ.)
・Low Series resistance : r
S=7[Ω] (Typ.).
・Designed for low Inter Modulation.
MAXIMUM RATING (Ta=25
℃)
DIM
MILLIMETERS
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.40+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
Q
0.1 MAX
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P7
+
_
Q
1. CATHODE 2
2. ANODE 1
3. CATHODE 1 / ANODE 2
2
1
3
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Reverse Voltage
VR
50
V
Forward Current
IF
50
mA
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
~150
Type Name
Marking
Lot No.
M3
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Voltage
VR
IR=10μ
A
50
-
-
V
Reverse Current
IR
VR=50V
-
-
0.1
μA
Forward Voltage
VF
IF=50mA
-
0.95
-
V
Total Capacitance
CT
VR=50V, f=1MHz
-
0.25
-
pF
Series Resistance
rs
IF=10mA, f=100MHz
-
7.0
-


Número de pieza similar - KDV173_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KDV173 KEC-KDV173 Datasheet
136Kb / 2P
   SILICON EPITAXIAL PIN DIODE(VHF-UHF BAND RF ATTENUATOR APPLICATION, AGC FOR AM/FM TUNER)
More results

Descripción similar - KDV173_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KDP620UL KEC-KDP620UL_15 Datasheet
353Kb / 3P
   SILICON EPITAXIAL PIN TYPE DIODE
KDP600UL KEC-KDP600UL_15 Datasheet
509Kb / 2P
   SILICON EPITAXIAL PIN TYPE DIODE
KDP623UL KEC-KDP623UL_15 Datasheet
384Kb / 3P
   SILICON EPITAXIAL PIN TYPE DIODE
KDV144F KEC-KDV144F_15 Datasheet
442Kb / 2P
   SILICON EPITAXIAL PIN TYPE DIODE
KDV175 KEC-KDV175_15 Datasheet
472Kb / 2P
   SILICON EPITAXIAL PIN TYPE DIODE
KDV142EL KEC-KDV142EL_07 Datasheet
438Kb / 2P
   SILICON EPITAXIAL PIN TYPE DIODE
KDP629UL KEC-KDP629UL Datasheet
35Kb / 2P
   SILICON EPITAXIAL PIN TYPE DIODE
KDV176U KEC-KDV176U_15 Datasheet
363Kb / 2P
   SILICON EPITAXIAL PIN TYPE DIODE
KDV175E KEC-KDV175E Datasheet
295Kb / 2P
   SILICON EPITAXIAL PIN TYPE DIODE
KDP610UL KEC-KDP610UL Datasheet
459Kb / 2P
   SILICON EPITAXIAL PIN TYPE DIODE
KDP621UL KEC-KDP621UL_15 Datasheet
506Kb / 2P
   SILICON EPITAXIAL PIN TYPE DIODE
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com