Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCH6122-TL-H Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza MCH6122-TL-H
Descripción Electrónicos  Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single MCPH6
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCH6122-TL-H Datasheet(HTML) 5 Page - ON Semiconductor

  MCH6122-TL-H Datasheet HTML 1Page - ON Semiconductor MCH6122-TL-H Datasheet HTML 2Page - ON Semiconductor MCH6122-TL-H Datasheet HTML 3Page - ON Semiconductor MCH6122-TL-H Datasheet HTML 4Page - ON Semiconductor MCH6122-TL-H Datasheet HTML 5Page - ON Semiconductor MCH6122-TL-H Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MCH6122
No.A1287-5/6
Outline Drawing
Land Pattern Example
MCH6122-TL-E, MCH6122-TL-H
Mass (g) Unit
0.008
* For reference mm
Unit: mm
0.65 0.65
0.4


Número de pieza similar - MCH6122-TL-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
MCH6122 SANYO-MCH6122 Datasheet
245Kb / 4P
   PNP Epitaxial Planar Silicon Transistor DC / DC Converter Amplifier
More results

Descripción similar - MCH6122-TL-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MCH6124 ONSEMI-MCH6124 Datasheet
520Kb / 6P
   Bipolar Transistor -20V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
MCH6123 ONSEMI-MCH6123 Datasheet
510Kb / 6P
   Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
MCH6121 ONSEMI-MCH6121 Datasheet
520Kb / 6P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
MCH6541 ONSEMI-MCH6541 Datasheet
578Kb / 8P
   Bipolar Transistor (-)30V, (-)3A, Low VCE(sat) Complementary Dual MCPH6
September, 2013
MCH6102 ONSEMI-MCH6102 Datasheet
561Kb / 7P
   Bipolar Transistor (-)30V, (-)1.5A, Low VCE(sat), (PNP)NPN Single MCPH6
September, 2013
CPH6122 ONSEMI-CPH6122 Datasheet
530Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single CPH6
September, 2013
MCH6101 ONSEMI-MCH6101 Datasheet
526Kb / 6P
   Bipolar Transistor -15V, -1.5A, Low VCE(sat), PNP Single MCPH6
September, 2013
MCH3109 ONSEMI-MCH3109 Datasheet
408Kb / 7P
   Bipolar Transistor (-)30V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
CPH5505 ONSEMI-CPH5505 Datasheet
295Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Dual CPH5
November, 2013
MCH6103 ONSEMI-MCH6103 Datasheet
562Kb / 8P
   Bipolar Transistor (-)50V, (-)1A, Low VCE(sat), (PNP)NPN Single MCPH6
September, 2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com