Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT6202VP2-GT3 Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza CAT6202VP2-GT3
Descripción Electrónicos  500 mA / 13 V Adjustable CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6202VP2-GT3 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT6202VP2-GT3 Datasheet HTML 1Page - ON Semiconductor CAT6202VP2-GT3 Datasheet HTML 2Page - ON Semiconductor CAT6202VP2-GT3 Datasheet HTML 3Page - ON Semiconductor CAT6202VP2-GT3 Datasheet HTML 4Page - ON Semiconductor CAT6202VP2-GT3 Datasheet HTML 5Page - ON Semiconductor CAT6202VP2-GT3 Datasheet HTML 6Page - ON Semiconductor CAT6202VP2-GT3 Datasheet HTML 7Page - ON Semiconductor CAT6202VP2-GT3 Datasheet HTML 8Page - ON Semiconductor CAT6202VP2-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CAT6202
http://onsemi.com
3
Table 1. PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Description
1
VIN
Supply voltage input
2
FLT
Fault indicator (active low)
3
EN
Enable input (active high)
4
BYP
A capacitor between BYP and GND controls the regulator’s turn−on speed and improves PSRR
5
GND
Ground reference
6
ILIM
Current limit control pin
7
VADJ
Output voltage adjustment
8
VOUT
LDO Output Voltage
Table 2. ABSOLUTE MAXIMUM RATINGS
Rating
Value
Unit
VIN, VOUT
0 to 16
V
All other pins
−0.3 to +6.0
V
Junction Temperature, TJ
+150
_C
Power Dissipation, PD
Internally Limited (Note 1)
mW
Storage Temperature Range, TS
−65 to +150
_C
Lead Temperature (soldering, 5 sec.)
260
_C
ESD Rating (Human Body Model)
1000
V
ESD Rating (Machine Model)
350
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. The maximum allowable power dissipation at any TA (ambient temperature) is PDmax = (TJmax – TA) / θJA. Exceeding the maximum allowable
power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
Table 3. RECOMMENDED OPERATING CONDITIONS (Note 2)
Parameter
Range
Unit
VIN, VOUT
3.3 to 13.5
V
All other pins
0 to 6.0
V
Junction Temperature Range, TJ
−40 to +125
_C
Package Thermal Resistance (SOIC), θJA
235
_C/W
Package Thermal Resistance (TDFN), θJA
92
_C/W
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
2. The device is not guaranteed to work outside its operating rating.


Número de pieza similar - CAT6202VP2-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT6202VP2-GT3 ONSEMI-CAT6202VP2-GT3 Datasheet
149Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0
More results

Descripción similar - CAT6202VP2-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT6202VP2-GT3 ONSEMI-CAT6202VP2-GT3 Datasheet
149Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0
CAT6202 ONSEMI-CAT6202 Datasheet
149Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0
CAT6201VP2-GT3 ONSEMI-CAT6201VP2-GT3 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6201 ONSEMI-CAT6201_V01 Datasheet
434Kb / 11P
   LDO Regulator - Adjustable CMOS 300 mA, 13 V
September, 2019 - Rev. 3
CAT6201 ONSEMI-CAT6201_13 Datasheet
338Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
December, 2013 ??Rev. 3
CAT6201 ONSEMI-CAT6201 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6219 ONSEMI-CAT6219 Datasheet
179Kb / 9P
   500 mA CMOS LDO Regulator
February, 2010 ??Rev. 9
CAT6219 ONSEMI-CAT6219_12 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
CAT6219-ADJTDGT3 ONSEMI-CAT6219-ADJTDGT3 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
logo
Vishay Siliconix
SI9185 VISHAY-SI9185 Datasheet
138Kb / 12P
   Micropower 500-mA CMOS LDO Regulator
Rev. B, 06-May-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com