Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM337D2TG Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza LM337D2TG
Descripción Electrónicos  1.5 A, Adjustable Output Negative Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM337D2TG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LM337D2TG Datasheet HTML 2Page - ON Semiconductor LM337D2TG Datasheet HTML 3Page - ON Semiconductor LM337D2TG Datasheet HTML 4Page - ON Semiconductor LM337D2TG Datasheet HTML 5Page - ON Semiconductor LM337D2TG Datasheet HTML 6Page - ON Semiconductor LM337D2TG Datasheet HTML 7Page - ON Semiconductor LM337D2TG Datasheet HTML 8Page - ON Semiconductor LM337D2TG Datasheet HTML 9Page - ON Semiconductor LM337D2TG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LM337
www.onsemi.com
6
Figure 11. Ripple Rejection versus Output Voltage
Figure 12. Ripple Rejection versus Output Current
Figure 13. Ripple Rejection versus Frequency
Figure 14. Output Impedance
Figure 15. Line Transient Response
Figure 16. Load Transient Response
010
20
30
40
t, TIME (
ms)
010
20
30
40
t, TIME (
ms)
Vout = -10 V
IL = 50 mA
TJ = 25°C
CL = 1.0 mF
Without CAdj
0
-5.0
-10
-15
-20
-25
-30
-35
-40
Vout, OUTPUT VOLTAGE (V)
0.01
0.1
1.0
10
IO, OUTPUT CURRENT (A)
10
100
1.0 k
10 k
100 k
1.0 M
10 M
f, FREQUENCY (Hz)
10
100
1.0 k
10 k
100 k
1.0 M
f, FREQUENCY (Hz)
CAdj = 10 mF
0.8
0.6
0.4
0.2
0
-0.2
-0.4
0
-0.5
-1.0
-0.5
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
0
-1.0
-1.5
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
0
20
101
100
10-1
10-2
10-3
Without CAdj
CAdj = 10 mF
Vin = -15 V
Vout = -10 V
IL = 50 mA
TJ = 25°C
CL = 1.0 mF
CAdj = 10 mF
Vin - Vout = 5.0 V
IL = 500 mA
f = 120 Hz
TJ = 25°C
Without CAdj
Without CAdj
CAdj = 10 mF
Vin = -15 V
Vout = -10 V
f = 120 Hz
TJ = 25°C
CAdj =10 mF
Without CAdj
Vin = -15 V
Vout = -10 V
IL = 500 mA
TJ = 25°C
Without CAdj
CAdj = 10 mF
Vin = -15 V
Vout = -10 V
IL = 500 mA
CL = 1.0 mF
TJ = 25°C


Número de pieza similar - LM337D2TG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LM337D2TG ONSEMI-LM337D2TG Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
LM337D2TG ONSEMI-LM337D2TG Datasheet
160Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
April, 2012 ??Rev. 9
More results

Descripción similar - LM337D2TG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LM337AT ONSEMI-LM337AT Datasheet
160Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
April, 2012 ??Rev. 9
LM337 ONSEMI-LM337_06 Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
logo
Seme LAB
IP137A SEME-LAB-IP137A_03 Datasheet
48Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137A SEME-LAB-IP137A Datasheet
43Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
ON Semiconductor
LM317 ONSEMI-LM317_11 Datasheet
172Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
October, 2011 ??Rev. 12
LM317LB ONSEMI-LM317LB Datasheet
188Kb / 12P
   1.5 A Adjustable Output Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
NCP317BTG ONSEMI-NCP317BTG Datasheet
208Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317_16 Datasheet
127Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2016 ??Rev. 14
NCV317 ONSEMI-NCV317 Datasheet
133Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
August, 2005 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com