Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NCV47700 Datasheet(PDF) 5 Page - ON Semiconductor

No. de Pieza. NCV47700
Descripción  5 V to 20 V Adjustable Low Dropout Regulator with Adjustable Current Limit
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

NCV47700 Datasheet(HTML) 5 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NCV47700
http://onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 3. Reference Voltage vs. Temperature
Figure 4. Quiescent Current vs. Input Voltage
Figure 5. Output Voltage vs. Input Voltage
Figure 6. Input Current vs. Input Voltage
(Reverse Input Voltage)
Figure 7. Dropout vs. Output Current
Figure 8. Output Current Limit vs. Input Voltage
TJ, JUNCTION TEMPERATURE (°C)
Vin = 13.5 V
Iout = 5 mA
1.24
1.25
1.26
1.27
1.28
1.29
1.30
1.31
1.32
−40 −20
0
20
40
60
80 100
160
120 140
0
0.05
0.10
0.15
0.20
0.25
Vin, INPUT VOLTAGE (V)
TJ = 25°C
Iout = 5 mA
Vout_nom = 5 V
0
1
2
3
4
5
6
02
46
8
10
Vin, INPUT VOLTAGE (V)
TJ = 25°C
Iout = 5 mA
Vout_nom = 5 V
Vin, INPUT VOLTAGE (V)
TJ = 25°C
Rout = 4.7 kW
Vout_nom = 5 V
Iout, OUTPUT CURRENT (mA)
Vin = 13.5 V
Vout_nom = 5 V
Vin, INPUT VOLTAGE (V)
0.30
0.35
0.40
0
5
10
15
20
25
40
30
35
13
57
9
−8
−7
−6
−5
−4
−3
−2
−1
0
2
−45 −40 −35 −30 −25 −20
−5
−15 −10
10
05
1
TJ = 150°C
0
100
200
300
400
500
600
700
800
0
50
100
150
200
250
300
350
TJ = 25°C
TJ = −40°C
Vout = 4.5 V
Vout_nom = 5 V
TJ = 150°C
600
700
800
900
1000
1100
1200
1300
1400
0
5
10
15
20
25
30
35
TJ = 25°C
TJ = −40°C
40
45


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn