Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NCV47700 Datasheet(PDF) 6 Page - ON Semiconductor

No. de Pieza. NCV47700
Descripción  5 V to 20 V Adjustable Low Dropout Regulator with Adjustable Current Limit
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

NCV47700 Datasheet(HTML) 6 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NCV47700
http://onsemi.com
6
TYPICAL CHARACTERISTICS
Figure 9. Output Current Limit vs. RCSO
Figure 10. Output Current (% of ILIM) vs. CSO
Voltage
Figure 11. Output Current to CSO Current Ratio
vs. Output Current
Figure 12. Output Current to CSO Current Ratio
vs. Output Current in Dropout
0
50
100
150
200
250
300
400
04
8
12
16
20
24
28
RCSO, (kW)
Vout = 5 V to 20 V
TJ = 25°C
0
0.5
1.0
1.5
2.0
2.5
3.0
0
25
50
75
100
125
Iout, OUTPUT CURRENT (% of ILIM)
350
2
6
10
14
18
22
26
Vout = 5 V to 20 V
TJ = 25°C
ILIM = 10 mA to 350 mA
95
97
99
101
103
105
1
10
100
Iout, OUTPUT CURRENT (mA)
TJ = 25°C
Vin = 13.5 V
1000
Figure 13. Quiescent Current vs. Output Current
(High Load)
Figure 14. Quiescent Current vs. Output Current
(Low Load)
0
5
10
15
20
25
0
50
100
150
200
250
Iout, OUTPUT CURRENT (mA)
TJ = 25°C
Vin = 13.5 V
300
350
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
10
20
30
40
50
60
70
100
80
90
Iout, OUTPUT CURRENT (mA)
TJ = 25°C
Vin = 13.5 V
96
98
100
102
104
50
65
75
85
95
105
1
10
100
Iout, OUTPUT CURRENT (mA)
TJ = 25°C
Vin = 4.5 V
Vout_nom = 5 V
1000
60
70
80
90
100
55


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn