Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NCV47700 Datasheet(PDF) 7 Page - ON Semiconductor

No. de Pieza. NCV47700
Descripción  5 V to 20 V Adjustable Low Dropout Regulator with Adjustable Current Limit
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

NCV47700 Datasheet(HTML) 7 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NCV47700
http://onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 15. Output Noise Density vs. Frequency
Figure 16. PSRR vs. Frequency
Figure 17. Cout ESR Stability Region vs. Output
Current
0
500
1000
1500
2000
2500
3000
10
1000
100000
FREQUENCY (Hz)
Noise 10 Hz − 100 kHz
Vn = 100.6 mV
100
10000
30
35
40
45
50
55
60
65
70
75
80
10
100
1000
10000
1000000
100000
FREQUENCY (Hz)
Iout = 150 mA
0.01
1
10
100
0
50
100
150
200
250
300
350
Iout, OUTPUT CURRENT (mA)
TJ = 25°C
Vin = Vout_nom + 8.5 V
Cout = 10−100 mF, Cb = none
Unstable Region
Unstable Region
TJ = 25°C
Vin = 13.5 V
Vout_nom = 5 V
Iout = 5 mA
85
90
TJ = 25°C
Vin = 13.5 V
Vout_nom = 5 V
Iout = 5 mA
0.1
Vout = 20 V
Vout = 5 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn