Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NCV47700 Datasheet(PDF) 1 Page - ON Semiconductor

No. de Pieza. NCV47700
Descripción  5 V to 20 V Adjustable Low Dropout Regulator with Adjustable Current Limit
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

NCV47700 Datasheet(HTML) 1 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2012
November, 2012 − Rev. 2
1
Publication Order Number:
NCV47700/D
NCV47700
5 V to 20 V Adjustable Low
Dropout Regulator with
Adjustable Current Limit
The NCV47700 is a 350 mA output current integrated low dropout
regulator designed for use in harsh automotive environments. It
includes wide operating temperature and input voltage ranges. The
device is offered with adjustable voltage versions available in 6%
output voltage accuracy. It has a high peak input voltage tolerance and
reverse input voltage protection. It also provides overcurrent
protection, overtemperature protection and enable for control of the
state of the output voltage. The integrated current sense feature
provides diagnosis and system protection functionality. The current
limit of the device is adjustable by resistor connected to CSO pin.
Voltage on CSO pin is proportional to output current.
Features
Adjustable Voltage Version (from 5 V to 20 V) ±6% Output Voltage
for
±3% Output Voltage Accuracy see NCV47701 Specification
Enable Input (5 V Logic Compatible Thresholds)
for 3.3 V Logic Compatible Thresholds see NCV47710 or
NCV47711 Specification
Adjustable Current Limit (from 10 mA to 350 mA) with 10%
accuracy
Protection Features:
Current Limitation
Thermal Shutdown
Reverse Input Voltage
This is a Pb−Free Device
Typical Applications
Audio and Infotainment System
Instrument Cluster
Navigation
Satellite Radio
Vout
GND
Vin
CSO
EN
ADJ
Cin
Cout
R1
R2
RCSO
CCSO
1 mF
22 mF
1 mF
Cb*
NCV47700
Figure 1. Application Schematic
*Required if usage of low ESR output capacitor Cout is demand, see
Regulator Stability Considerations section.
http://onsemi.com
MARKING
DIAGRAMS
ORDERING INFORMATION
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
Vin
CSO
18
NC
EN
NC
GND
Vout
ADJ
PIN CONNECTIONS
SOIC−8
Exposed Pad
PD SUFFIX
CASE 751AC
SOIC−8 EP, SOIC−8
1
8
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
1
8
47700
ALYW
G
SOIC−8
D SUFFIX
CASE 751
1
8
47700
ALYW
G
1
8


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn