Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NCV47700 Datasheet(PDF) 2 Page - ON Semiconductor

No. de Pieza. NCV47700
Descripción  5 V to 20 V Adjustable Low Dropout Regulator with Adjustable Current Limit
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

NCV47700 Datasheet(HTML) 2 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NCV47700
http://onsemi.com
2
Figure 2. Simplified Block Diagram
+
-
ENABLE
VOLTAGE
REFERENCE
THERMAL
SHUTDOWN
SATURATION
PROTECTION
Vin
EN
ADJ
CSO
GND
Vout
VREF2
VREF1
TSD
SP
TSD
SP
VREF2
2.55 V
VREF1
1.275 V
ICSO = Iout / 100
+
-
PASS DEVICE
AND
CURRENT MIRROR
PIN FUNCTION DESCRIPTION
Pin No.
SOIC−8 EP
Pin No.
SOIC−8
Pin Name
Description
1
1
ADJ
Adjustable Voltage Setting Input. See Application Section for more details.
2
2
GND
Power Supply Ground.
3
3
EN
Enable Input; low level disables the IC.
4
4
CSO
Current Sense Output, Current Limit setting and Output Current value information.
See Application Section for more details.
5
5
Vin
Positive Power Supply Input.
6
6
NC
Not Connected
7
7
NC
Not Connected
8
8
Vout
Regulated Output Voltage.
EPAD
EPAD
Connect to ground potential or leave unconnected.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn