Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NCV47700 Datasheet(PDF) 3 Page - ON Semiconductor

No. de Pieza. NCV47700
Descripción  5 V to 20 V Adjustable Low Dropout Regulator with Adjustable Current Limit
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

NCV47700 Datasheet(HTML) 3 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NCV47700
http://onsemi.com
3
ABSOLUTE MAXIMUM RATINGS (Note 1)
Rating
Symbol
Min
Max
Unit
Input Voltage
Vin
−42
45
V
Enable Input Voltage
VEN
−42
45
V
Adjustable Input Voltage
VADJ
−0.3
10
V
CSO Voltage
VCSO
−0.3
7
V
Output Voltage
Vout
−1
40
V
Junction Temperature
TJ
−40
150
°C
Storage Temperature
TSTG
−55
150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Refer to ELECTRICAL CHARACTERISTIS and APPLICATION INFORMATION for Safe Operating Area.
ESD CAPABILITY (Note 2)
Rating
Symbol
Min
Max
Unit
ESD Capability, Human Body Model
ESDHBM
−2
2
kV
ESD Capability, Machine Model
ESDMM
−200
200
V
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (JS−001−2010)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
LEAD SOLDERING TEMPERATURE AND MSL (Note 3)
Rating
Symbol
Min
Max
Unit
Moisture Sensitivity Level
SOIC−8 EP
SOIC−8
MSL
2
1
Lead Temperature Soldering, Reflow (SMD Styles Only), Pb−Free Versions
TSLD
265 peak
°C
3. For more information, please refer to our Soldering and Mounting Techniques Reference Manual, SOLDERRM/D
THERMAL CHARACTERISTICS (Note 4)
Rating
Symbol
Value
Unit
Thermal Characteristics, SOIC−8 EP (single layer PCB)
Thermal Resistance, Junction−to−Air (Note 5)
Thermal Reference, Junction−to−Lead (Note 5)
RθJA
RψJL
70
19
°C/W
Thermal Characteristics, SOIC−8 EP (4 layers PCB)
Thermal Resistance, Junction−to−Air (Note 5)
Thermal Reference, Junction−to−Lead (Note 5)
RθJA
RψJL
29
12
°C/W
Thermal Characteristics, SOIC−8 (single layer PCB)
Thermal Resistance, Junction−to−Air (Note 5)
Thermal Reference, Junction−to−Lead (Note 5)
RθJA
RψJL
121
42
°C/W
Thermal Characteristics, SOIC−8 (4 layers PCB)
Thermal Resistance, Junction−to−Air (Note 5)
Thermal Reference, Junction−to−Lead (Note 5)
RθJA
RψJL
77
52
°C/W
4. Refer to ELECTRICAL CHARACTERISTIS and APPLICATION INFORMATION for Safe Operating Area.
5. Values based on copper area of 645 mm2 (or 1 in2) of 1 oz copper thickness and FR4 PCB substrate. Single layer − according to JEDEC51.3,
4 layers − according to JEDEC51.7.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn