Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1PS74SB23 Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza 1PS74SB23
Descripción Electrónicos  Schottky barrier diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS74SB23 Datasheet(HTML) 2 Page - NXP Semiconductors

  1PS74SB23_15 Datasheet HTML 1Page - NXP Semiconductors 1PS74SB23_15 Datasheet HTML 2Page - NXP Semiconductors 1PS74SB23_15 Datasheet HTML 3Page - NXP Semiconductors 1PS74SB23_15 Datasheet HTML 4Page - NXP Semiconductors 1PS74SB23_15 Datasheet HTML 5Page - NXP Semiconductors 1PS74SB23_15 Datasheet HTML 6Page - NXP Semiconductors 1PS74SB23_15 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2003 Aug 04
2
Philips Semiconductors
Product specification
Schottky barrier diode
1PS74SB23
FEATURES
• Ultra fast switching speed
• Low forward voltage
• Fast recovery time
• Guard ring protected
• Small plastic SMD package
• Capability of absorbing very high surge current.
APPLICATIONS
• Rectification
• Circuit protection
• Polarity protection
• Switched-mode power supplies.
DESCRIPTION
Planar Schottky barrier diode encapsulated in an SC-74
(SOT457) small plastic SMD package.
PINNING
PIN
DESCRIPTION
1
anode
2
cathode
3
anode
4
anode
5
cathode
6
anode
handbook, halfpage
MAM421
Top view
1, 3,
4, 6
2, 5
13
2
4
5
6
Fig.1
Simplified outline SC-74 (SOT457) and
symbol.
Marking code: P1.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1. Pins 1, 3, 4 and 6 are connected in parallel; pins 2 and 5 are connected in parallel.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VR
continuous reverse voltage
25
V
IF
continuous forward current
1A
IFSM
non-repetitive peak forward current
tp = 8.3 ms; half sinewave;
JEDEC method; note 1
25
A
IRSM
non-repetitive peak reverse current
tp = 100 µs
0.5
A
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
125
°C


Número de pieza similar - 1PS74SB23_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
1PS74SB23 PHILIPS-1PS74SB23 Datasheet
49Kb / 8P
   Schottky barrier diode
1999 Apr 26
1PS74SB23 NXP-1PS74SB23 Datasheet
59Kb / 7P
   Schottky barrier diode
2003 Aug 04
1PS74SB23 NXP-1PS74SB23 Datasheet
59Kb / 7P
   Schottky barrier diode
2003 Aug 04
logo
Nexperia B.V. All right...
1PS74SB23 NEXPERIA-1PS74SB23 Datasheet
173Kb / 8P
   Schottky barrier diode
2003 Aug 04
More results

Descripción similar - 1PS74SB23_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com