Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2PD2150_15 Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza 2PD2150_15
Descripción Electrónicos  20 V, 3 A NPN low VCEsat (BISS) transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2PD2150_15 Datasheet(HTML) 4 Page - NXP Semiconductors

  2PD2150_15_15 Datasheet HTML 1Page - NXP Semiconductors 2PD2150_15_15 Datasheet HTML 2Page - NXP Semiconductors 2PD2150_15_15 Datasheet HTML 3Page - NXP Semiconductors 2PD2150_15_15 Datasheet HTML 4Page - NXP Semiconductors 2PD2150_15_15 Datasheet HTML 5Page - NXP Semiconductors 2PD2150_15_15 Datasheet HTML 6Page - NXP Semiconductors 2PD2150_15_15 Datasheet HTML 7Page - NXP Semiconductors 2PD2150_15_15 Datasheet HTML 8Page - NXP Semiconductors 2PD2150_15_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2PD2150_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 2 January 2007
4 of 13
NXP Semiconductors
2PD2150
20 V, 3 A NPN low VCEsat (BISS) transistor
FR4 PCB, standard footprint
Fig 2.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
Ceramic PCB, Al2O3, standard footprint
Fig 3.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
006aaa944
10
1
102
103
Zth(j-a)
(K/W)
10−1
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
0
duty cycle =
1
0.5
0.2
0.1
0.75
0.33
0.05
0.02
0.01
006aaa945
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
10
1
102
Zth(j-a)
(K/W)
10−1
0.02
0.2
0.1
0.05
duty cycle =
1
0.5
0.75
0.33
0.01
0


Número de pieza similar - 2PD2150_15_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
2PD2150 PHILIPS-2PD2150 Datasheet
70Kb / 11P
   20 V, 3 A NPN low VCEsat transistor
Rev. 01-22 April 2005
2PD2150 NXP-2PD2150 Datasheet
131Kb / 13P
   20 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 02-2 January 2007
logo
Nexperia B.V. All right...
2PD2150 NEXPERIA-2PD2150 Datasheet
750Kb / 13P
   20 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 02 - 2 January 2007
More results

Descripción similar - 2PD2150_15_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
2PD2150 NXP-2PD2150 Datasheet
131Kb / 13P
   20 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 02-2 January 2007
logo
Nexperia B.V. All right...
PBSS4320X NEXPERIA-PBSS4320X Datasheet
269Kb / 13P
   20 V, 3 A NPN low VCEsat (BISS) transistor
27 May 2019
logo
NXP Semiconductors
PBSS4320X PHILIPS-PBSS4320X Datasheet
115Kb / 12P
   20 V, 3 A NPN low VCEsat (BISS) transistor
2004 Nov 03
logo
Nexperia B.V. All right...
2PD2150 NEXPERIA-2PD2150 Datasheet
750Kb / 13P
   20 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 02 - 2 January 2007
logo
NXP Semiconductors
PBSS4320X NXP-PBSS4320X Datasheet
202Kb / 12P
   20 V, 3 A NPN low VCEsat (BISS) transistor
2004 Nov 03
PBSS4320X PHILIPS-PBSS4320X_15 Datasheet
214Kb / 12P
   NPN low VCEsat (BISS) transistor 20 V, 3 A
2004 Nov 03
PBSS4120T PHILIPS-PBSS4120T Datasheet
47Kb / 7P
   20 V, 1 A NPN low VCEsat (BISS) transistor
2003 Sep 29
PBSS4420D PHILIPS-PBSS4420D_15 Datasheet
131Kb / 14P
   20 V, 4 A NPN low VCEsat (BISS) transistor
Rev. 02-24 September 2008
PBSS302NZ PHILIPS-PBSS302NZ Datasheet
102Kb / 14P
   20 V, 5.8 A NPN low VCEsat (BISS) transistor
Rev. 01-8 September 2006
PBSS4220V PHILIPS-PBSS4220V Datasheet
119Kb / 13P
   20 V, 2 A NPN low VCEsat (BISS) transistor
Rev. 01-6 February 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com