Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADA-4789 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza ADA-4789
Descripción Electrónicos  Silicon Bipolar Darlington Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADA-4789 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADA-4789_15 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADA-4789_15 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADA-4789_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADA-4789_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADA-4789_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADA-4789_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADA-4789_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADA-4789_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ADA-4789_15 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
0
1
2
3
4
5
6
0
20
40
60
80
100
Id (mA)
-40C
25C
85C
9
10
11
12
13
14
15
16
17
18
0
20
40
60
80
100
Id (mA)
6
5
0.1
0.9
4
3
2
1.5
0
5
10
15
20
0
20
40
60
80
100
Id (mA)
6
5
4
3
2
1.5
0.1
0.9
10
15
20
25
30
35
40
0
20
40
60
80
100
Id (mA)
6
5
4
3
2
1.5
0.9
0.1
3.5
4
4.5
5
5.5
6
0
20
40
60
80
100
Id (mA)
6
5
4
3
1.5
0.1
0.9
2
-25
-20
-15
-10
-5
0
0
2
4
6
8
10
12
Frequency (GHz)
Id=50mA
Id=60mA
Id=80mA
Figure 17. NF vs Id and Frequency (GHz).
Figure 18. Input Return Loss vs Id and Frequency.
Figure 13. NF vs. Id and Temperature at 900 MHz.
Figure 14. Gain vs Id and Frequency (GHz).
Figure 15. P1dB vs Id and Frequency (GHz).
Figure 16. OIP3 vs Id and Frequency (GHz).


Número de pieza similar - ADA-4789_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
ADA-4789-BLKG AVAGO-ADA-4789-BLKG Datasheet
385Kb / 13P
   Silicon Bipolar Darlington Amplifier Small Signal Gain Amplifier
logo
Broadcom Corporation.
ADA-4789-BLKG BOARDCOM-ADA-4789-BLKG Datasheet
395Kb / 13P
   Silicon Bipolar Darlington Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ADA-4789-TR1G AVAGO-ADA-4789-TR1G Datasheet
385Kb / 13P
   Silicon Bipolar Darlington Amplifier Small Signal Gain Amplifier
logo
Broadcom Corporation.
ADA-4789-TR1G BOARDCOM-ADA-4789-TR1G Datasheet
395Kb / 13P
   Silicon Bipolar Darlington Amplifier
More results

Descripción similar - ADA-4789_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
ADA-4743 HP-ADA-4743 Datasheet
107Kb / 9P
   Silicon Bipolar Darlington Amplifier
ADA-4543 HP-ADA-4543 Datasheet
111Kb / 10P
   Silicon Bipolar Darlington Amplifier
logo
Broadcom Corporation.
ADA-4789 BOARDCOM-ADA-4789 Datasheet
395Kb / 13P
   Silicon Bipolar Darlington Amplifier
logo
Agilent(Hewlett-Packard...
ADA-4643 HP-ADA-4643 Datasheet
110Kb / 10P
   Silicon Bipolar Darlington Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ADA-4789 AVAGO-ADA-4789 Datasheet
385Kb / 13P
   Silicon Bipolar Darlington Amplifier Small Signal Gain Amplifier
ADA-4543 AVAGO-ADA-4543 Datasheet
108Kb / 10P
   Silicon Bipolar Darlington Amplifi er
ADA-4643 AVAGO-ADA-4643 Datasheet
107Kb / 12P
   Silicon Bipolar Darlington Amplifi er
ADA-4743 AVAGO-ADA-4743 Datasheet
103Kb / 9P
   Silicon Bipolar Darlington Amplifi er
logo
New Jersey Semi-Conduct...
MPSU95 NJSEMI-MPSU95 Datasheet
82Kb / 2P
   PNP SILICON DARLINGTON AMPLIFIER TRANSISTOR
logo
ON Semiconductor
MMBTA13LT1 ONSEMI-MMBTA13LT1 Datasheet
235Kb / 8P
   Darlington Amplifier Transistors(NPN Silicon)
March, 2001 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com