Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAS16LD Datasheet(PDF) 1 Page - NXP Semiconductors

No. de pieza BAS16LD
Descripción Electrónicos  Single high-speed switching diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS16LD Datasheet(HTML) 1 Page - NXP Semiconductors

  BAS16LD_15 Datasheet HTML 1Page - NXP Semiconductors BAS16LD_15 Datasheet HTML 2Page - NXP Semiconductors BAS16LD_15 Datasheet HTML 3Page - NXP Semiconductors BAS16LD_15 Datasheet HTML 4Page - NXP Semiconductors BAS16LD_15 Datasheet HTML 5Page - NXP Semiconductors BAS16LD_15 Datasheet HTML 6Page - NXP Semiconductors BAS16LD_15 Datasheet HTML 7Page - NXP Semiconductors BAS16LD_15 Datasheet HTML 8Page - NXP Semiconductors BAS16LD_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.
Product profile
1.1 General description
Single high-speed switching diode, encapsulated in a SOD882D leadless ultra small
Surface-Mounted Device (SMD) plastic package with visible and solderable side pads.
1.2 Features and benefits
1.3 Applications
High-speed switching
General-purpose switching
1.4 Quick reference data
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB) with 60
μm copper strip line.
[2]
When switched from IF = 10 mA to IR =10mA; RL = 100 Ω; measured at IR =1mA.
BAS16LD
Single high-speed switching diode
Rev. 1 — 12 October 2010
Product data sheet
High switching speed: trr ≤ 4ns
Low capacitance
Low leakage current
Reverse voltage: VR ≤ 100 V
Repetitive peak reverse voltage:
VRRM ≤ 100 V
Ultra small and leadless SMD plastic
package
AEC-Q101 qualified
Solderable side pads
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
[1] --
215
mA
IR
reverse current
VR =80V
-
-
0.5
μA
VR
reverse voltage
-
-
100
V
trr
reverse recovery time
[2] --
4
ns


Número de pieza similar - BAS16LD_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BAS16LD NXP-BAS16LD Datasheet
270Kb / 11P
   Single high-speed switching diode
Rev. 1-12 October 2010
logo
Nexperia B.V. All right...
BAS16LD NEXPERIA-BAS16LD Datasheet
733Kb / 11P
   Single high-speed switching diode
Rev. 1 - 12 October 2010
More results

Descripción similar - BAS16LD_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PMBD914 PHILIPS-PMBD914_15 Datasheet
73Kb / 10P
   Single high-speed switching diode
Rev. 06-11 February 2009
logo
Nexperia B.V. All right...
BAS16LD NEXPERIA-BAS16LD Datasheet
733Kb / 11P
   Single high-speed switching diode
Rev. 1 - 12 October 2010
BAS21J NEXPERIA-BAS21J Datasheet
551Kb / 10P
   Single high-speed switching diode
Rev. 01 - 8 March 2007
logo
NXP Semiconductors
BAS16J NXP-BAS16J Datasheet
191Kb / 10P
   Single high-speed switching diode
Rev. 01 - 8 March 2007
BAS16LD NXP-BAS16LD Datasheet
270Kb / 11P
   Single high-speed switching diode
Rev. 1-12 October 2010
PMBD914 NXP-PMBD914 Datasheet
66Kb / 10P
   Single high-speed switching diode
Rev. 05-26 November 2007
PMBD914 NXP-PMBD914_09 Datasheet
73Kb / 10P
   Single high-speed switching diode
Rev. 06-11 February 2009
BAS21J NXP-BAS21J Datasheet
59Kb / 10P
   Single high-speed switching diode
Rev. 01 - 8 March 2007
logo
Nexperia B.V. All right...
BAS16QA NEXPERIA-BAS16QA Datasheet
691Kb / 12P
   Single high-speed switching diode
BAS21J-Q NEXPERIA-BAS21J-Q Datasheet
184Kb / 8P
   Single high-speed switching diode
11 May 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com