Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

BAS21J Datasheet(PDF) 6 Page - NXP Semiconductors

No. de Pieza. BAS21J
Descripción  BAS21J_15
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo 

BAS21J Datasheet(HTML) 6 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
BAS21J_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 8 March 2007
6 of 10
NXP Semiconductors
BAS21J
Single high-speed switching diode
8.
Test information
(1) IR =1mA
Input signal: reverse pulse rise time tr = 0.6 ns; reverse voltage pulse duration tp = 100 ns; duty cycle δ = 0.05
Oscilloscope: rise time tr = 0.35 ns
Fig 5.
Reverse recovery time test circuit and waveforms
trr
(1)
+ IF
t
output signal
tr
tp
t
10 %
90 %
VR
input signal
V = VR + IF × RS
RS = 50
IF
D.U.T.
Ri = 50
SAMPLING
OSCILLOSCOPE
mga881


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn