Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCM847BV Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza BCM847BV
Descripción Electrónicos  NPN/NPN matched double transistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCM847BV Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BCM847BV_15 Datasheet HTML 3Page - NXP Semiconductors BCM847BV_15 Datasheet HTML 4Page - NXP Semiconductors BCM847BV_15 Datasheet HTML 5Page - NXP Semiconductors BCM847BV_15 Datasheet HTML 6Page - NXP Semiconductors BCM847BV_15 Datasheet HTML 7Page - NXP Semiconductors BCM847BV_15 Datasheet HTML 8Page - NXP Semiconductors BCM847BV_15 Datasheet HTML 9Page - NXP Semiconductors BCM847BV_15 Datasheet HTML 10Page - NXP Semiconductors BCM847BV_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
BCM847BV_BS_DS_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 28 August 2009
7 of 15
NXP Semiconductors
BCM847BV/BS/DS
NPN/NPN matched double transistors
VCE =5V; Tamb =25 °CVCE =5V; Tamb =25 °C
Fig 5.
Base-emitter voltage as a function of collector
current; typical values
Fig 6.
Transition frequency as a function of collector
current; typical values
f = 1 MHz; Tamb =25 °C
f = 1 MHz; Tamb =25 °C
Fig 7.
Collector capacitance as a function of
collector-base voltage; typical values
Fig 8.
Emitter capacitance as a function of
emitter-base voltage; typical values
006aaa536
0.6
0.8
1
VBE
(V)
0.4
IC (mA)
10−1
103
102
110
006aaa537
IC (mA)
1102
10
102
103
fT
(MHz)
10
006aaa538
VCB (V)
010
8
46
2
2
1
3
5
4
Cc
(pF)
0
006aaa539
VEB (V)
06
4
2
9
11
7
13
15
Ce
(pF)
5


Número de pieza similar - BCM847BV_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BCM847BV PHILIPS-BCM847BV Datasheet
115Kb / 15P
   NPN/NPN matched double transistors
Rev. 05-27 June 2006
BCM847BV NXP-BCM847BV Datasheet
127Kb / 15P
   NPN/NPN matched double transistors
Rev. 06-28 August 2009
logo
Nexperia B.V. All right...
BCM847BV NEXPERIA-BCM847BV Datasheet
226Kb / 9P
   NPN/NPN matched double transistor
27 December 2022
BCM847BV NEXPERIA-BCM847BV Datasheet
2Mb / 15P
   PNP/PNP matched double transistors
Rev. 06 - 28 August 2009
More results

Descripción similar - BCM847BV_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PMP4201V NXP-PMP4201V Datasheet
123Kb / 14P
   NPN/NPN matched double transistors
Rev. 04-28 August 2009
logo
Nexperia B.V. All right...
PMP4501G NEXPERIA-PMP4501G Datasheet
122Kb / 14P
   NPN/NPN matched double transistors
Rev. 04 - 28 August 2009
logo
NXP Semiconductors
BCM847BV NXP-BCM847BV Datasheet
127Kb / 15P
   NPN/NPN matched double transistors
Rev. 06-28 August 2009
BCM847BV PHILIPS-BCM847BV Datasheet
115Kb / 15P
   NPN/NPN matched double transistors
Rev. 05-27 June 2006
PMP4501V NXP-PMP4501V Datasheet
123Kb / 14P
   NPN/NPN matched double transistors
Rev. 04-28 August 2009
logo
Nexperia B.V. All right...
BCM846BS NEXPERIA-BCM846BS Datasheet
687Kb / 12P
   NPN/NPN matched double transistor
BCM847DS NEXPERIA-BCM847DS Datasheet
241Kb / 10P
   NPN/NPN matched double transistor
27 December 2022
BCM61B NEXPERIA-BCM61B Datasheet
2Mb / 13P
   NPN/NPN matched double transistor
Rev. 02 - 28 August 2009
BCM847BS NEXPERIA-BCM847BS Datasheet
242Kb / 10P
   NPN/NPN matched double transistor
27 December 2022
logo
NXP Semiconductors
BCM61B PHILIPS-BCM61B_15 Datasheet
144Kb / 13P
   NPN/NPN matched double transistor
Rev. 02-28 August 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com