Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRLH5034PBF Datasheet(PDF) 1 Page - International Rectifier

No. de pieza IRLH5034PBF
Descripción Electrónicos  Secondary Side Synchronous Rectification
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRLH5034PBF Datasheet(HTML) 1 Page - International Rectifier

  IRLH5034PBF_15 Datasheet HTML 1Page - International Rectifier IRLH5034PBF_15 Datasheet HTML 2Page - International Rectifier IRLH5034PBF_15 Datasheet HTML 3Page - International Rectifier IRLH5034PBF_15 Datasheet HTML 4Page - International Rectifier IRLH5034PBF_15 Datasheet HTML 5Page - International Rectifier IRLH5034PBF_15 Datasheet HTML 6Page - International Rectifier IRLH5034PBF_15 Datasheet HTML 7Page - International Rectifier IRLH5034PBF_15 Datasheet HTML 8Page - International Rectifier IRLH5034PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
Notes
 through † are on page 9
Applications
Secondary Side Synchronous Rectification
Inverters for DC Motors
DC-DC Brick Applications
Boost Converters
PQFN 5X6 mm
VDS
40
V
RDS(on) max
(@VGS = 4.5V)
3.2
m
Ω
Qg (typical)
43
nC
RG (typical)
1.2
Ω
ID
(@Tmb = 25°C)
100
h
A
Features
Benefits
Low RDSon (
≤3.2mΩ @ Vgs = 4.5V )
Lower Conduction Losses
Low Thermal Resistance to PCB (
≤ 0.8°C/W)
Enable better thermal dissipation
100% Rg tested
Increased Reliability
Low Profile (
≤ 0.9 mm)
results in Increased Power Density
Industry-Standard Pinout
Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques
Easier Manufacturing
RoHS Compliant Containing no Lead, no Bromide and no Halogen
Environmentally Friendlier
MSL1, Industrial Qualification
Increased Reliability
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
ID @ Tmb = 25°C
Continuous Drain Current, VGS @ 10V
ID @ Tmb = 100°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
g
PD @ Tmb = 25°C
Power Dissipation
g
Linear Derating Factor
g
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
°C
40
23
100
h
V
W
A
-55 to + 150
3.6
0.029
156
Max.
29
100
h
400
±16
IRLH5034PbF
Form
Quantity
IRLH5034PBF
PQFN 5mm x 6mm
Tape and Reel
4000
IRLH5034TRPBF
Base part number
Package Type
Standard Pack
Orderable part number
1
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
May 20, 2015


Número de pieza similar - IRLH5034PBF_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRLH5034PBF IRF-IRLH5034PBF Datasheet
239Kb / 8P
   Secondary Side Synchronous Rectification, Inverters for DC Motors
More results

Descripción similar - IRLH5034PBF_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRFH5020PBF IRF-IRFH5020PBF_15 Datasheet
266Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5210PBF IRF-IRFH5210PBF_15 Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5006PBF IRF-IRFH5006PBF_15 Datasheet
269Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5025PBF IRF-IRFH5025PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5220PBF IRF-IRFH5220PBF_15 Datasheet
243Kb / 9P
   Secondary Side Synchronous Rectification
IRFH7107PBF IRF-IRFH7107PBF Datasheet
272Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5004PBF IRF-IRFH5004PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5010PBF IRF-IRFH5010PBF_15 Datasheet
260Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5104PBF IRF-IRFH5104PBF_15 Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5204PBF IRF-IRFH5204PBF_15 Datasheet
241Kb / 9P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com