Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BYC5DX-500 Datasheet(PDF) 1 Page - NXP Semiconductors

No. de pieza BYC5DX-500
Descripción Electrónicos  Hyperfast power diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYC5DX-500 Datasheet(HTML) 1 Page - NXP Semiconductors

  BYC5DX-500_15 Datasheet HTML 1Page - NXP Semiconductors BYC5DX-500_15 Datasheet HTML 2Page - NXP Semiconductors BYC5DX-500_15 Datasheet HTML 3Page - NXP Semiconductors BYC5DX-500_15 Datasheet HTML 4Page - NXP Semiconductors BYC5DX-500_15 Datasheet HTML 5Page - NXP Semiconductors BYC5DX-500_15 Datasheet HTML 6Page - NXP Semiconductors BYC5DX-500_15 Datasheet HTML 7Page - NXP Semiconductors BYC5DX-500_15 Datasheet HTML 8Page - NXP Semiconductors BYC5DX-500_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.
Product profile
1.1 General description
Hyperfast power diode in a SOD113 (2-lead TO-220F) plastic package.
1.2 Features and benefits
Isolated plastic package
Low reverse recovery current
Low thermal resistance
Reduces switching losses in
associated MOSFET
1.3 Applications
Continuous Current Mode (CCM)
Power Factor Correction (PFC)
Half-bridge/full-bridge switched-mode
power supplies
Half-bridge lighting ballasts
1.4 Quick reference data
BYC5DX-500
Hyperfast power diode
Rev. 1 — 6 July 2011
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRRM
repetitive peak
reverse voltage
-
-
500
V
IF(AV)
average forward
current
square-wave pulse;
δ = 0.5;
Th = 103 °C;
see Figure 1; see Figure 2
--5
A
Static characteristics
VF
forward voltage
IF =5A; Tj = 25 °C; see Figure 5
-1.5
2
V
IF =5A; Tj =150 °C; see Figure 5
-
1.15
1.45
V
Dynamic characteristics
trr
reverse recovery
time
IF =5A; VR = 400 V;
dIF/dt = 500 A/µs; Tj =25°C;
see Figure 6
-16
-ns


Número de pieza similar - BYC5DX-500_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BYC5DX-500 PHILIPS-BYC5DX-500 Datasheet
350Kb / 11P
   Hyperfast power diode
Rev. 1-6 July 2011
logo
WeEn Semiconductors
BYC5DX-500 WEEN-BYC5DX-500 Datasheet
367Kb / 12P
   Hyperfast power diode
More results

Descripción similar - BYC5DX-500_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BYC8D-600 PHILIPS-BYC8D-600_15 Datasheet
162Kb / 11P
   Hyperfast power diode
Rev. 01-27 December 2010
BYC10-600P PHILIPS-BYC10-600P_15 Datasheet
186Kb / 9P
   Hyperfast power diode
10 February 2014
BYC20D-600P PHILIPS-BYC20D-600P_15 Datasheet
186Kb / 9P
   Hyperfast power diode
10 February 2014
BYC20X-600P PHILIPS-BYC20X-600P_15 Datasheet
185Kb / 9P
   Hyperfast power diode
4 February 2013
BYC8-600P PHILIPS-BYC8-600P_15 Datasheet
182Kb / 9P
   Hyperfast power diode
3 January 2014
logo
WeEn Semiconductors
BYC5-1200P WEEN-BYC5-1200P Datasheet
338Kb / 10P
   Hyperfast power diode
BYC5D-500 WEEN-BYC5D-500 Datasheet
434Kb / 12P
   Hyperfast power diode
BYC5DX-500 WEEN-BYC5DX-500 Datasheet
367Kb / 12P
   Hyperfast power diode
BYC8-1200P WEEN-BYC8-1200P Datasheet
339Kb / 10P
   Hyperfast power diode
BYC15X-600P WEEN-BYC15X-600P Datasheet
452Kb / 10P
   Hyperfast power diode
BYC20D-600P WEEN-BYC20D-600P Datasheet
432Kb / 10P
   Hyperfast power diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com