Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRLML6302PBF Datasheet(PDF) 1 Page - International Rectifier

No. de pieza IRLML6302PBF
Descripción Electrónicos  ULTRA LOW ON RESISFANCE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRLML6302PBF Datasheet(HTML) 1 Page - International Rectifier

  IRLML6302PBF_15 Datasheet HTML 1Page - International Rectifier IRLML6302PBF_15 Datasheet HTML 2Page - International Rectifier IRLML6302PBF_15 Datasheet HTML 3Page - International Rectifier IRLML6302PBF_15 Datasheet HTML 4Page - International Rectifier IRLML6302PBF_15 Datasheet HTML 5Page - International Rectifier IRLML6302PBF_15 Datasheet HTML 6Page - International Rectifier IRLML6302PBF_15 Datasheet HTML 7Page - International Rectifier IRLML6302PBF_15 Datasheet HTML 8Page - International Rectifier IRLML6302PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
VDSS = -20V
RDS(on) = 0.60Ω
FifthGenerationHEXFETsfromInternationalRectifierutilizeadvanced
processing techniques to achieve extremely low on-resistance per
silicon area. This benefit, combined with the fast switching speed
and ruggedized device design that HEXFET Power MOSFETs are
well known for, provides the designer with an extremely efficient and
reliable device for use in a wide variety of applications.
A customized leadframe has been incorporated into the standard
SOT-23 package to produce a HEXFET Power MOSFET with the
industry's smallest footprint. This package, dubbed the Micro3, is
ideal for applications where printed circuit board space is at a
premium. The low profile (<1.1mm) of the Micro3 allows it to fit
easily into extremely thin application environments such as portable
electronics and PCMCIA cards
.
Description
l
Generation V Technology
l
Ultra Low On-Resistance
l
P-ChannelMOSFET
l
SOT-23Footprint
l
Low Profile (<1.1mm)
l
Available in Tape and Reel
l
Fast Switching
l
Lead-Free
l
RoHS Compliant, Halogen-Free
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ -4.5V
-0.78
ID @ TA = 70°C
Continuous Drain Current, VGS @ -4.5V
-0.62
A
IDM
Pulsed Drain Current 
-4.9
PD@TA = 25°C
Power Dissipation
540
mW
Linear Derating Factor
4.3
mW/°C
VGS
Gate-to-Source Voltage
± 12
V
dv/dt
Peak Diode Recovery dv/dt ‚
-5.0
V/ns
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
„
–––
230
Thermal Resistance
°C/W
Micro3TM
S
G 1
2
D
3
IRLML6302PbF
Form
Quantity
IRLML6302TRPbF
Micro3™ (SOT-23)
Tape and Reel
3000
IRLML6302TRPbF
Package Type
Standard Pack
Orderable Part Number
Base Part Number
1
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
April 28, 2014


Número de pieza similar - IRLML6302PBF_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRLML6302PBF-1 IRF-IRLML6302PBF-1 Datasheet
241Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6302PBF-1 IRF-IRLML6302PBF-1_15 Datasheet
241Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results

Descripción similar - IRLML6302PBF_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRLML2803PBF IRF-IRLML2803PBF_15 Datasheet
258Kb / 9P
   ULTRA LOW ON RESISFANCE
IRLML2402PBF IRF-IRLML2402PBF_15 Datasheet
254Kb / 9P
   ULTRA LOW ON RESISFANCE
IRLML5103PBF IRF-IRLML5103PBF_15 Datasheet
251Kb / 9P
   ULTRA LOW ON RESISFANCE
logo
Kersemi Electronic Co.,...
IRFR024NTRL KERSEMI-IRFR024NTRL Datasheet
3Mb / 10P
   Ultra Low On-Resistance
IRFR4105PBF KERSEMI-IRFR4105PBF Datasheet
3Mb / 10P
   Ultra Low On-Resistance
IRFU3910 KERSEMI-IRFU3910 Datasheet
3Mb / 10P
   Ultra Low On-Resistance
logo
Vishay Siliconix
IRF7705PBF VISHAY-IRF7705PBF Datasheet
239Kb / 8P
   Ultra Low On-Resistance
logo
Advanced Power Electron...
APE8998B A-POWER-APE8998B_14 Datasheet
581Kb / 8P
   ULTRA LOW ON RESISTANCE
logo
International Rectifier
IRF7755PBF IRF-IRF7755PBF Datasheet
243Kb / 8P
   Ultra Low On-Resistance
IRF7329PBF IRF-IRF7329PBF_15 Datasheet
179Kb / 9P
   Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com