Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BYC10-600P Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza BYC10-600P
Descripción Electrónicos  Hyperfast power diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYC10-600P Datasheet(HTML) 5 Page - NXP Semiconductors

  BYC10-600P_15 Datasheet HTML 1Page - NXP Semiconductors BYC10-600P_15 Datasheet HTML 2Page - NXP Semiconductors BYC10-600P_15 Datasheet HTML 3Page - NXP Semiconductors BYC10-600P_15 Datasheet HTML 4Page - NXP Semiconductors BYC10-600P_15 Datasheet HTML 5Page - NXP Semiconductors BYC10-600P_15 Datasheet HTML 6Page - NXP Semiconductors BYC10-600P_15 Datasheet HTML 7Page - NXP Semiconductors BYC10-600P_15 Datasheet HTML 8Page - NXP Semiconductors BYC10-600P_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NXP Semiconductors
BYC10-600P
Hyperfast power diode
BYC10-600P
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2014. All rights reserved
Product data sheet
10 February 2014
5 / 9
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF = 1 A; VR = 30 V; dIF/dt = 200 A/µs;
Tj = 25 °C; Fig. 7
-
12
18
ns
IF = 10 A; VR = 400 V; dIF/dt = 500 A/
µs; Tj = 25 °C; Fig. 7
-
19
-
ns
IF = 10 A; VR = 200 V; dIF/dt = 200 A/
µs; Tj = 25 °C; Fig. 7
-
26
-
ns
trr
reverse recovery time
IF = 10 A; VR = 200 V; dIF/dt = 200 A/
µs; Tj = 125 °C; Fig. 7
-
34
-
ns
IF = 10 A; VR = 200 V; dIF/dt = 200 A/
µs; Tj = 25 °C; Fig. 7
-
2
-
A
IRM
peak reverse recovery
current
IF = 10 A; VR = 200 V; dIF/dt = 200 A/
µs; Tj = 125 °C; Fig. 7
-
4.8
-
A
VF (V)
0
4
3
1
2
aaa-010185
10
5
15
20
IF
(A)
0
(2)
(3)
(1)
Fig. 6. Forward current as a function of forward
voltage
003aac562
trr
time
100 %
25 %
IF
dlF
dt
IR
IRM
Qr
Fig. 7. Reverse recovery definitions; ramp recovery


Número de pieza similar - BYC10-600P_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
WeEn Semiconductors
BYC10-600P WEEN-BYC10-600P Datasheet
436Kb / 10P
   Hyperfast power diode
More results

Descripción similar - BYC10-600P_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BYC8D-600 PHILIPS-BYC8D-600_15 Datasheet
162Kb / 11P
   Hyperfast power diode
Rev. 01-27 December 2010
BYC20D-600P PHILIPS-BYC20D-600P_15 Datasheet
186Kb / 9P
   Hyperfast power diode
10 February 2014
BYC20X-600P PHILIPS-BYC20X-600P_15 Datasheet
185Kb / 9P
   Hyperfast power diode
4 February 2013
BYC8-600P PHILIPS-BYC8-600P_15 Datasheet
182Kb / 9P
   Hyperfast power diode
3 January 2014
logo
WeEn Semiconductors
BYC5-1200P WEEN-BYC5-1200P Datasheet
338Kb / 10P
   Hyperfast power diode
BYC5D-500 WEEN-BYC5D-500 Datasheet
434Kb / 12P
   Hyperfast power diode
BYC5DX-500 WEEN-BYC5DX-500 Datasheet
367Kb / 12P
   Hyperfast power diode
BYC8-1200P WEEN-BYC8-1200P Datasheet
339Kb / 10P
   Hyperfast power diode
BYC15X-600P WEEN-BYC15X-600P Datasheet
452Kb / 10P
   Hyperfast power diode
BYC20D-600P WEEN-BYC20D-600P Datasheet
432Kb / 10P
   Hyperfast power diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com