Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMMC-5040 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza AMMC-5040
Descripción Electrónicos  20??5 GHz GaAs Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-5040 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-5040_15 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040_15 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040_15 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
AMMC-5040 Typical Performance (T
chuck = 25°C)
Figure 7. Output Return Loss and Drain
Voltage, IDD=350 mA.
FREQUENCY (GHz)
0
-5
-10
-15
-20
20
45
35
30
25
40
3.5V
4V
4.5V
5V
Figure 8. Output Power (P-1dB) and Drain
Current, VDD=4.5V.
FREQUENCY (GHz)
25
20
15
10
5
20
45
35
30
25
40
100mA
200mA
300mA
350mA
Figure 9. Output Power at P-1dB and P-3dB,
VDD=4.5V, IDD=300 mA.
FREQUENCY (GHz)
26
24
22
20
18
16
20
45
35
30
25
40
P-1dB
P-3dB
Figure 10. Noise Figure, VDD=4.5V,
IDD=300 mA.
FREQUENCY (GHz)
15
13
11
9
7
5
20
45
35
30
25
40
Figure 11. Output Power (P-1dB) and Drain
Voltage, IDD=300 mA.
FREQUENCY (GHz)
25
23
21
19
17
15
20
45
35
30
25
40
3.5V
4V
4.5V
5V
Figure 12. Output 3rd Order Intercept Point,
VDD=4.5V, IDD=300 mA.
FREQUENCY (GHz)
35
30
25
20
15
10
20
45
35
30
25
40


Número de pieza similar - AMMC-5040_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5040-W10 AVAGO-AMMC-5040-W10 Datasheet
373Kb / 10P
   20-45 GHz GaAs Amplifier
AMMC-5040-W50 AVAGO-AMMC-5040-W50 Datasheet
373Kb / 10P
   20-45 GHz GaAs Amplifier
More results

Descripción similar - AMMC-5040_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hittite Microwave Corpo...
HMC634LC4 HITTITE-HMC634LC4_09 Datasheet
261Kb / 6P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
HMC634LC4 HITTITE-HMC634LC4 Datasheet
267Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
logo
Analog Devices
HMC634 AD-HMC634 Datasheet
329Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
logo
Hittite Microwave Corpo...
HMC634 HITTITE-HMC634 Datasheet
291Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5040 AVAGO-AMMC-5040 Datasheet
373Kb / 10P
   20-45 GHz GaAs Amplifier
logo
Hittite Microwave Corpo...
HMC-ALH435 HITTITE-HMC-ALH435 Datasheet
209Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 5 - 20 GHz
HMC451 HITTITE-HMC451_09 Datasheet
273Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz
HMC451LC3 HITTITE-HMC451LC3 Datasheet
341Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz
HMC451LC3 HITTITE-HMC451LC3_08 Datasheet
240Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz
logo
Broadcom Corporation.
AMMC-5040 BOARDCOM-AMMC-5040 Datasheet
1Mb / 13P
   20-GHz to 45-GHz GaAs Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com