Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMMC-6233 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza AMMC-6233
Descripción Electrónicos  GaAs Low Noise Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-6233 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-6233_15 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-6233_15 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-6233_15 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-6233_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-6233_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-6233_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-6233_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-6233_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMC-6233_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Figure 8. Typical output IP3 over Vdd
Figure 7. Typical isolation
Figure 6. Total Idd over temp vs. Vdd
Figure 5. Typical output return loss
0
-10
-20
-30
14
18
22
26
30
34
FREQUENCY (GHz)
70
65
55
60
50
3.0
3.5
4.0
4.5
5.0
Vdd (V)
-40
°C
25
°C
+85
°C
0
-20
-40
-60
-80
14
18
22
26
30
34
FREQUENCY (GHz)
25
20
15
10
5
0
18
20
22
24
26
28
30
32
FREQUENCY (GHz)
3 V
4 V
5 V
AMMC-6233 Typical Performances (Cont’d.)
(TA = 25°C, Vdd = 3.0 V, Itotal = 65 mA, Zin = Zout = 50 Ω unless otherwise stated)


Número de pieza similar - AMMC-6233_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6233 AVAGO-AMMC-6233 Datasheet
261Kb / 9P
   18 to 32 GHz GaAs Low Noise Amplifier
logo
Broadcom Corporation.
AMMC-6233 BOARDCOM-AMMC-6233 Datasheet
268Kb / 9P
   18 to 32 GHz GaAs Low Noise Amplifier
More results

Descripción similar - AMMC-6233_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
MAAM37000 MA-COM-MAAM37000 Datasheet
247Kb / 4P
   Low Noise GaAs MMIC Amplifier
MAAM37000 MA-COM-MAAM37000_15 Datasheet
247Kb / 4P
   Low Noise GaAs MMIC Amplifier
MAAM37000 MA-COM-MAAM37000_16 Datasheet
975Kb / 5P
   Low Noise GaAs MMIC Amplifier
logo
Sanyo Semicon Device
SPM0103A SANYO-SPM0103A Datasheet
28Kb / 2P
   Low-Noise GaAs Amplifier MMIC
logo
Hitachi Semiconductor
2SK3001 HITACHI-2SK3001 Datasheet
107Kb / 14P
   GaAs HEMT Low Noise Amplifier
logo
Analog Devices
HMC263LP4E AD-HMC263LP4E Datasheet
1Mb / 7P
   GaAs MMIC LOW NOISE AMPLIFIER
HMC-ALH508 AD-HMC-ALH508 Datasheet
335Kb / 6P
   GaAs HEMT LOW NOISE AMPLIFIER,
HMC-ALH382 AD-HMC-ALH382 Datasheet
391Kb / 6P
   GaAs HEMT LOW NOISE AMPLIFIER
logo
M/A-COM Technology Solu...
MAAM37000_V7 MA-COM-MAAM37000_V7 Datasheet
247Kb / 4P
   Low Noise GaAs MMIC Amplifier
MAAM37000-A1 MA-COM-MAAM37000-A1 Datasheet
172Kb / 3P
   Low Noise GaAs MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com