Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMMP-6545 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza AMMP-6545
Descripción Electrónicos  18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6545 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6545_15 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6545_15 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6545_15 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6545_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6545_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
For product information and a complete list of distributors, please go to our website:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2013 Avago Technologies. All rights reserved. Obsoletes AV02-0251EN
AV02-1382EN - July 8, 2013
AMMP-6545 Part Number Ordering Information
Part Number
Devices per
Container
Container
AMMP-6545-BLKG
10
Antistatic bag
AMMP-6545-TR1G
100
7” Reel
AMMP-6545-TR2G
500
7” Reel
Package Dimension, PCB Layout and Tape and Reel information
Please refer to Avago Technologies Application Note 5520, AMxP-xxxx production Assembly Process (Land Pattern A).


Número de pieza similar - AMMP-6545_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6545-BLKG AVAGO-AMMP-6545-BLKG Datasheet
309Kb / 5P
   18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer in SMT Package
AMMP-6545-BLKG AVAGO-AMMP-6545-BLKG Datasheet
118Kb / 2P
   Refer to Appendix A
logo
Broadcom Corporation.
AMMP-6545-BLKG BOARDCOM-AMMP-6545-BLKG Datasheet
309Kb / 5P
   18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6545-TR1G AVAGO-AMMP-6545-TR1G Datasheet
309Kb / 5P
   18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer in SMT Package
AMMP-6545-TR1G AVAGO-AMMP-6545-TR1G Datasheet
118Kb / 2P
   Refer to Appendix A
More results

Descripción similar - AMMP-6545_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6546 AVAGO-AMMP-6546 Datasheet
170Kb / 5P
   18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer
AMMP-6545 AVAGO-AMMP-6545 Datasheet
309Kb / 5P
   18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer in SMT Package
logo
Broadcom Corporation.
AMMP-6545 BOARDCOM-AMMP-6545 Datasheet
309Kb / 5P
   18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer in SMT Package
AMMP-6546 BOARDCOM-AMMP-6546 Datasheet
170Kb / 5P
   18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer In SMT Package
logo
List of Unclassifed Man...
HMC1093 ETC2-HMC1093 Datasheet
514Kb / 10P
   GaAs MMIC SUB HARMONIC MIXER, 37 - 46.5 GHz
logo
Hittite Microwave Corpo...
HMC265LM3 HITTITE-HMC265LM3 Datasheet
302Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
HMC798LC4 HITTITE-HMC798LC4_10 Datasheet
256Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
HMC265LM3 HITTITE-HMC265LM3_08 Datasheet
252Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
logo
Analog Devices
HMC264LC3B AD-HMC264LC3B Datasheet
403Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 21 - 31 GHz
HMC265LM3 AD-HMC265LM3 Datasheet
385Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com