Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMMP-6630 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza AMMP-6630
Descripción Electrónicos  5 ??30 GHz Variable Attenuator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6630 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6630 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6630 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6630 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6630 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6630 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6630 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
-25
-20
-15
-10
-5
0
-5
5
15
Input Power (dBm)
-30
-25
-20
-15
-10
-5
0
-5
0
5
10
15
20
Input Power (dBm)
-30
-25
-20
-15
-10
-5
0
-5
0
5
10
15
20
Input Power (dBm)
-35
-30
-25
-20
-15
-10
-5
0
-5
5
15
Input Power (dBm)
15
20
25
30
5
10
15
20
25
30
Freq (GHz)
0.0
5.0
10.0
15.0
5
10
15
20
25
30
Freq (GHz)
-40C
+25C
+85C
-40C
+25C
+85C
Atten at
Vc=0.00V
Atten at
Vc=0.35V
Atten at
Vc=0.40V
Attenat
Vc=0.45V
Atten at
Vc=0.50V
Atten at
Vc=0.55V
Atten at
Vc=0.60V
Atten at
Vc=0.65V
Atten at
Vc=0.75V
Atten at
Vc=1.00V
Atten at
Vc=0.00V
Atten at
Vc=0.35V
Atten at
Vc=0.40V
Attenat
Vc=0.45V
Atten at
Vc=0.50V
Atten at
Vc=0.55V
Atten at
Vc=0.60V
Atten at
Vc=0.65V
Atten at
Vc=0.75V
Atten at
Vc=1.00V
Atten at
Vc=0.00V
Atten at
Vc=0.35V
Atten at
Vc=0.40V
Attenat
Vc=0.45V
Atten at
Vc=0.50V
Atten at
Vc=0.55V
Atten at
Vc=0.60V
Atten at
Vc=0.65V
Atten at
Vc=0.75V
Atten at
Vc=1.00V
Atten at
Vc=0.00V
Atten at
Vc=0.35V
Atten at
Vc=0.40V
Attenat
Vc=0.45V
Atten at
Vc=0.50V
Atten at
Vc=0.55V
Atten at
Vc=0.60V
Atten at
Vc=0.65V
Atten at
Vc=0.75V
Atten at
Vc=1.00V
Figure 13b. Attenuation vs Input Power (Frequency = 16 GHz)
Figure 13c. Attenuation vs Input Power (Frequency = 25 GHz)
Figure 13d. Attenuation vs Input Power (Frequency = 34 GHz)
Figure 13e. Attenuation vs Input Power (Frequency = 42 GHz)
Figure 14. Attenuation vs Frequency (Max Attenuation)
Figure 15. Attenuation vs Frequency (Min Attenuation)
Notes for Figure 12 ~ 13:
1. Attenuation is a positive number, whereas insertion loss S21 measured on a network analyzer is a negative number.


Número de pieza similar - AMMP-6630

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Broadcom Corporation.
AMMP-6630 BOARDCOM-AMMP-6630 Datasheet
307Kb / 6P
   5 ??30 GHz Variable Attenuator
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6630-BLKG AVAGO-AMMP-6630-BLKG Datasheet
118Kb / 2P
   Refer to Appendix A
logo
Broadcom Corporation.
AMMP-6630-BLKG BOARDCOM-AMMP-6630-BLKG Datasheet
307Kb / 6P
   5 ??30 GHz Variable Attenuator
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6630-TR1G AVAGO-AMMP-6630-TR1G Datasheet
118Kb / 2P
   Refer to Appendix A
logo
Broadcom Corporation.
AMMP-6630-TR1G BOARDCOM-AMMP-6630-TR1G Datasheet
307Kb / 6P
   5 ??30 GHz Variable Attenuator
More results

Descripción similar - AMMP-6630

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Broadcom Corporation.
AMMP-6630 BOARDCOM-AMMP-6630 Datasheet
307Kb / 6P
   5 ??30 GHz Variable Attenuator
logo
Hittite Microwave Corpo...
HMC712 HITTITE-HMC712 Datasheet
322Kb / 8P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
logo
Analog Devices
HMC812ALC4 AD-HMC812ALC4 Datasheet
300Kb / 5P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
HMC812A AD-HMC812A_16 Datasheet
1Mb / 9P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
logo
Hittite Microwave Corpo...
HMC812LC4 HITTITE-HMC812LC4_11 Datasheet
521Kb / 8P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
HMC712 HITTITE-HMC712_10 Datasheet
496Kb / 8P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
HMC812LC4 HITTITE-HMC812LC4 Datasheet
301Kb / 8P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6650 AVAGO-AMMP-6650 Datasheet
350Kb / 9P
   DC ??30 GHz Variable Attenuator
logo
Broadcom Corporation.
AMMP-6650 BOARDCOM-AMMP-6650 Datasheet
350Kb / 9P
   DC ??30 GHz Variable Attenuator
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6630 AVAGO-AMMC-6630 Datasheet
932Kb / 11P
   5 ??45 GHz Variable Attenuator
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com