Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM14L0505SH30NZ Datasheet(PDF) 2 Page - AIMTEC

No. de pieza AM14L0505SH30NZ
Descripción Electrónicos  1/4 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AM14L0505SH30NZ Datasheet(HTML) 2 Page - AIMTEC

  AM14L0505SH30NZ Datasheet HTML 1Page - AIMTEC AM14L0505SH30NZ Datasheet HTML 2Page - AIMTEC AM14L0505SH30NZ Datasheet HTML 3Page - AIMTEC AM14L0505SH30NZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AM1/4L-NZ
1/4 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.J
2 of 4
North America only
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load single
100
KHz
100% load dual
150
KHz
Short circuit protection
Momentary (1sec)
Operating temperature
Without derating
-40 to +85
oC
Storage temperature
-55 to +125
oC
Cooling
Free air convection
Humidity
95
%
Case material
Plastic UL94-VO
Weight
1.5
g
Dimensions (L x W x H)
Single 1000VDC
0.50 x 0.44 x 0.26 inch
12.70 x 11.20 x 6.70 mm
Dual 1000VDC
0.60 x 0.44 x 0.26 inch 15.24 x 11.20 x 6.70 mm
Single and Dual 3000 VDC
0.60 x 0.44 x 0.26 inch 15.24 x 11.20 x 6.70 mm
MTBF
>3 500 000hrs (MIL-HDBK -217F, Ground Benign, t=+25oC)
Max Case Temperature
95
oC
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified
Pin Out Specifications
Pin Out Specifications
Single and Dual 1000VDC
Single and Dual 3000VDC
Typical characteristics
Pin
Single
Dual
1
- V Input
- V Input
2
+ V Input
+ V Input
3
N.C.
N.C.
5
-V Output
Common
6
N.C.
-V Output
7
N.C.
N.C.
8
+V Output
+V Output
10
N.C.
N.C.
11
N.C.
N.C.
12
N.C.
N.C.
Pin
Single
1
- V Input
2
+ V Input
3
N.C.
4
- V Output
5
+ V Output
6
N.C.
7
N.C.
8
N.C.
Pin
Dual
1
- V Input
2
+ V Input
3
N.C.
4
Common
5
- V Output
6
N.C.
7
+ V Output
8
N.C.
9
N.C.
10
N.C.
Typical Load Line
Tolerance Envelope Graph
Output Current (%)
+2.5%
-2.5%
-7.5%
+
+5 %
10%
50%
100%
Nominal
Voltage
10 %


Número de pieza similar - AM14L0505SH30NZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM14LS0305SNZ AIMTEC-AM14LS0305SNZ Datasheet
240Kb / 4P
   0.25 Watt | DC-DC Converter
AM14LS0503SNZ AIMTEC-AM14LS0503SNZ Datasheet
240Kb / 4P
   0.25 Watt | DC-DC Converter
AM14LS0505SH30NZ AIMTEC-AM14LS0505SH30NZ Datasheet
240Kb / 4P
   0.25 Watt | DC-DC Converter
AM14LS0505SNZ AIMTEC-AM14LS0505SNZ Datasheet
240Kb / 4P
   0.25 Watt | DC-DC Converter
AM14LS1205SH30NZ AIMTEC-AM14LS1205SH30NZ Datasheet
240Kb / 4P
   0.25 Watt | DC-DC Converter
More results

Descripción similar - AM14L0505SH30NZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM1_4L-NZ AIMTEC-AM1_4L-NZ_13 Datasheet
293Kb / 4P
   1/4 Watt | DC-DC Converter
AM1_4L-NZ AIMTEC-AM1_4L-NZ Datasheet
283Kb / 4P
   1/4 Watt | DC-DC Converter
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com