Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADAM-4069 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

No. de pieza ADAM-4069
Descripción Electrónicos  4-ch Relay Output Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADVANTECH [Advantech Co., Ltd.]
Página de inicio  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-4069 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-4069 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RS-485 I/O Modules: ADAM-4000
Front View
Side View
Panel Mounting View
R35.00
56.00
56.00
60.00
30.00
25.00
M3
2-SCREW
28
Ø8.0
56.00
28
70.00
Specifications
General
ƒ
Connectors
2 x plug-in terminal blocks
(#14 ~ 28 AWG)
ƒ
Power Consumption 0.6 W @ 24 VDC
ƒ
Watchdog Timer
System (1.6 second) &
Communication
ƒ
Supported Protocols ASCII command and
Modbus/RTU
Relay Output
ƒ
Breakdown Voltage 500 VAC (50/60 Hz)
ƒ
Channels
4 x Form A
4 x Form C
ƒ
Contact Rating
0.5 A @ 120 VAC
(Resistive)
0.25 A @ 240 VAC
1 A @ 30 VDC
0.3 A @ 110 VDC
ƒ
Initial Insulation
1 G
Ω min. at 500 VDC
Resistance
ƒ
Relay off Time
4 ms
(Typical)
ƒ
Relay on Time
3 ms
(Typical)
ƒ
Maximum Operating Speed
50 operations/min (at related load)
ADAM-4068
ADAM-4060
ADAM-4068
ADAM-4069
Common Specifications
General
ƒ
Power Input
Unregulated 10 ~ 30 VDC
ADAM-4060
Specifications
General
ƒ
Connectors
2 x plug-in terminal blocks
(#14 ~ 22 AWG)
ƒ
Power Consumption 0.8 W @ 24 VDC
ƒ
Watchdog Timer
System (1.6 second)
ƒ
Supported Protocols ASCII command
Relay Output
ƒ
Breakdown Voltage 500 VAC (50/60 Hz)
ƒ
Channels
2 x Form A
2 x Form C
ƒ
Contact Rating
0.6 A @ 125 VAC
(Resistive)
0.3 A @ 250 VAC
2 A @ 30 VDC
0.6 A @ 110 VDC
ƒ
Initial Insulation
1 G
Ω min. at 500 VDC
Resistance
ƒ
Relay off Time
2 ms
(Typical)
ƒ
Relay on Time
3 ms
(Typical)
ƒ
Maximum Operating Speed
20 operations/min (at related load)
ADAM-4069
Specifications
General
ƒ
Connectors
2 x plug-in terminal blocks
(#14 ~ 28 AWG)
ƒ
Power Consumption 2.2 W @ 24 VDC
ƒ
Watchdog Timer
System (1.6 second) &
Communication
ƒ
Supported Protocols ASCII command and
Modbus/RTU
Relay Output
ƒ
Breakdown Voltage 1,000 VAC (50/60 Hz)
ƒ
Channels
4 x Form A
4 x Form C
ƒ
Contact Rating
5 A @ 250 VAC
(Resistive)
5 A @ 30 VDC
ƒ
Initial Insulation
1 G
Ω min. at 500 VDC
Resistance
ƒ
Relay off Time
5.6 ms
(Typical)
ƒ
Relay on Time
5 ms
(Typical)
ƒ
Maximum Operating Speed
6 operations/min (at related load)
Ordering Information
ƒ
ADAM-4060-DE
4-ch Relay Output Module
ƒ
ADAM-4068-BE
8-ch Relay Output
Module with Modbus
ƒ
ADAM-4069-AE
8-ch Power Relay Output
Module with Modbus
4-ch Relay Output Module
8-ch Relay Output Module with Modbus
8-ch Power Relay Output Module with
Modbus
Environment
ƒ
Operating Humidity 5 ~ 95% RH
ƒ
Operating
-10 ~ 70°C (14 ~ 158°F)
Temperature
ƒ
Storage Temperature -25 ~ 85°C (-13 ~ 185°F)
Unit: mm
Dimensions
Front View
Rear View
Side View
Panel Mounting View
Top View
Din-Rail Mounting View
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 5-May-2015


Número de pieza similar - ADAM-4069

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advantech Co., Ltd.
ADAM-4069 ADVANTECH-ADAM-4069 Datasheet
766Kb / 1P
   4-ch Relay Output Module
More results

Descripción similar - ADAM-4069

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advantech Co., Ltd.
ADAM-4060 ADVANTECH-ADAM-4060 Datasheet
766Kb / 1P
   4-ch Relay Output Module
ADAM-6266 ADVANTECH-ADAM-6266_14 Datasheet
1Mb / 2P
   4-ch Relay Output Modbus TCP Module with 4-ch DI
ADAM-5060 ADVANTECH-ADAM-5060 Datasheet
620Kb / 1P
   6-ch Relay Output Module
ADAM-3854 ADVANTECH-ADAM-3854 Datasheet
484Kb / 1P
   4-ch Power Relay Module
ADAM-3854 ADVANTECH-ADAM-3854_15 Datasheet
198Kb / 1P
   4-ch Power Relay Module
ADAM-5024 ADVANTECH-ADAM-5024 Datasheet
637Kb / 1P
   4-ch Analog Output Module
ADAM-5024 ADVANTECH-ADAM-5024_14 Datasheet
257Kb / 1P
   4-ch Analog Output Module
logo
List of Unclassifed Man...
HSL-AO4-U ETC2-HSL-AO4-U Datasheet
168Kb / 1P
   4-CH Analog Output Module
logo
Advantech Co., Ltd.
ADAM-6260 ADVANTECH-ADAM-6260_V01 Datasheet
259Kb / 1P
   6-ch Relay Output Modbus TCP Module
27-Jun-2018
PCLD-8762 ADVANTECH-PCLD-8762 Datasheet
63Kb / 1P
   48-ch Relay Output Board
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com