Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADAM-6256 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

No. de pieza ADAM-6256
Descripción Electrónicos  16-ch Isolated Digital Output Modbus TCP Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADVANTECH [Advantech Co., Ltd.]
Página de inicio  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-6256 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ADAM-6256 Datasheet HTML 1Page - Advantech Co., Ltd. ADAM-6256 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Specifications
Digital Output
ƒ
Channels
16 (Sink Type)
ƒ
Output Voltage Range 10 ~ 30 VDC
ƒ
Normal Output Current 100 mA (Per Channel)
ƒ
Pulse Output
Up to 5kHz
ƒ
Delay Output
High-to-Low and Low-to-High
General
ƒ
Ethernet
2-port 10/100 Base-TX (for Daisy Chain)
ƒ
LED Indication
16 DO
ƒ
Protocol
Modbus/TCP, TCP/IP, UDP, HTTP, DHCP
ƒ
Connector
Plug-in 5P/15P Screw Terminal Blocks
ƒ
Power Input
10 - 30 VDC (24 VDC Standard)
ƒ
Watchdog Timer
System (1.6 Seconds)
Communication (Programmable)
ƒ
Protection
Built-in TVS/ESD Protection
Power Reversal Protection
Over Voltage Protection: +/- 35 VDC
Isolation Protection: 2500 VDC
ƒ
Power Consumption
3.2 W @ 24 VDC
ƒ
Dimensions (W x H x D) 70 x 122 x 27 mm
ƒ
Enclosure
PC
ƒ
Mounting
DIN 35 Rail, Stack, Wall
Software
ƒ
.NET Class Library (SDK) Windows and Windows CE Class Library, VB and VC#
Sample Code for I/O Reading or Configuration and
Communication
ƒ
Adam/Apax .NET Utility Network Setting, I/O Configuration, Data Stream, P2P,
GCL Configuration
Environment
ƒ
Operating Temperature -10 ~ 70°C (14 ~ 158°F)
ƒ
Storage Temperature
-20 ~ 80°C (-4 ~ 176°F)
ƒ
Operating Humidity
20 ~ 95% RH (non-condensing)
ƒ
Storage Humidity
0 ~ 95% RH (non-condensing)
Unit: mm
Dimensions
ADAM-6256
Remote I/O
Pin Assignment
Ordering Information
ƒ
ADAM-6256
16-ch Isolated Digital Output Modbus TCP Module
Accessories
ƒ
PWR-242
DIN-rail Power Supply (2.1A Output Current)
ƒ
PWR-243
Panel Mount Power Supply (3A Output Current)
ƒ
PWR-244
Panel Mount Power Supply (4.2A Output Current)
Software
ƒ
PCLS-ADAMVIEW32
ADAMView Data Acquisition Software
ƒ
PCLS-OPC/MTP30
OPC Server for Modbus/TCP Protocol


Número de pieza similar - ADAM-6256

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advantech Co., Ltd.
ADAM-6250 ADVANTECH-ADAM-6250 Datasheet
1Mb / 2P
   15-ch Isolated Digital I/O Modbus TCP Module
ADAM-6250 ADVANTECH-ADAM-6250_14 Datasheet
1Mb / 2P
   15-ch Isolated Digital I/O Modbus TCP Module
ADAM-6251 ADVANTECH-ADAM-6251 Datasheet
1Mb / 2P
   16-ch Isolated Digital Input Modbus TCP Module
ADAM-6251 ADVANTECH-ADAM-6251_14 Datasheet
1Mb / 2P
   16-ch Isolated Digital Input Modbus TCP Module
More results

Descripción similar - ADAM-6256

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advantech Co., Ltd.
ADAM-6251 ADVANTECH-ADAM-6251_14 Datasheet
1Mb / 2P
   16-ch Isolated Digital Input Modbus TCP Module
ADAM-6224 ADVANTECH-ADAM-6224_14 Datasheet
1Mb / 2P
   4-ch Isolated Analog Output Modbus TCP Module
ADAM-6250 ADVANTECH-ADAM-6250_14 Datasheet
1Mb / 2P
   15-ch Isolated Digital I/O Modbus TCP Module
ADAM-6052 ADVANTECH-ADAM-6052_14 Datasheet
1Mb / 2P
   16-ch Source-type Isolated Digital I/O Modbus TCP Module
ADAM-6050 ADVANTECH-ADAM-6050_V01 Datasheet
514Kb / 1P
   18-ch Isolated Digital I/O Modbus TCP Module
13-Aug-2021
ADAM-6050 ADVANTECH-ADAM-6050_14 Datasheet
1Mb / 2P
   18-ch Isolated Digital I/O Modbus TCP Module
ADAM-6217 ADVANTECH-ADAM-6217_14 Datasheet
1Mb / 2P
   8-ch Isolated Analog Input Modbus TCP Module
ADAM-6260 ADVANTECH-ADAM-6260_V01 Datasheet
259Kb / 1P
   6-ch Relay Output Modbus TCP Module
27-Jun-2018
ADAM-6015 ADVANTECH-ADAM-6015_14 Datasheet
350Kb / 1P
   7-ch Isolated RTD Input Modbus TCP Module
ADAM-6018++ ADVANTECH-ADAM-6018+ Datasheet
566Kb / 1P
   7-ch Isolated RTD Input Modbus TCP Module
5-May-2022
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com