Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM15E-2415SH30IZ Datasheet(PDF) 1 Page - AIMTEC

No. de pieza AM15E-2415SH30IZ
Descripción Electrónicos  15 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AM15E-2415SH30IZ Datasheet(HTML) 1 Page - AIMTEC

  AM15E-2415SH30IZ Datasheet HTML 1Page - AIMTEC AM15E-2415SH30IZ Datasheet HTML 2Page - AIMTEC AM15E-2415SH30IZ Datasheet HTML 3Page - AIMTEC AM15E-2415SH30IZ Datasheet HTML 4Page - AIMTEC AM15E-2415SH30IZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AM15E-IZ
15 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.D
1 of 5
North America only
FEATURES:
 RoHS compliant
 Power modules for PCB mounting
 2:1 input range
 Regulated output
 Low ripple and noise
Operating temperature range: -40 to +85ºC
Remote On/Off control
Synchronous rectifier
Models
Single output
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current
max
(A)
Max.
Capacitive
load
(µF)
Ripple &
Noise
typ
Isolation
(VDC)
Efficiency
(%)
AM15E-1203SIZ
9-18
3.3
4
8100
80mV p-p
1500
79
AM15E-1205SIZ
9-18
5
3
4700
80mV p-p
1500
83
AM15E-1212SIZ
9-18
12
1.25
680
120mVp-p
1500
85
AM15E-1215SIZ
9-18
15
1
470
150mVp-p
1500
85
AM15E-2403SIZ
18-36
3.3
4
8100
80mV p-p
1500
81
AM15E-2405SIZ
18-36
5
3
4700
80mV p-p
1500
83
AM15E-2412SIZ
18-36
12
1.25
680
120mVp-p
1500
88
AM15E-2415SIZ
18-36
15
1
470
150mVp-p
1500
87
AM15E-4803SIZ
36-75
3.3
4
8100
80mV p-p
1500
81
AM15E-4805SIZ
36-75
5
3
4700
80mV p-p
1500
83
AM15E-4812SIZ
36-75
12
1.25
680
120mVp-p
1500
88
AM15E-4815SIZ
36-75
15
1
470
150mVp-p
1500
87
AM15E-1203SH30IZ
9-18
3.3
4
8100
80mV p-p
3000
74
AM15E-1205SH30IZ
9-18
5
3
4700
80mV p-p
3000
78
AM15E-1212SH30IZ
9-18
12
1.25
680
120mVp-p
3000
82
AM15E-1215SH30IZ
9-18
15
1
470
150mVp-p
3000
83
AM15E-2403SH30IZ
18-36
3.3
4
8100
80mV p-p
3000
75
AM15E-2405SH30IZ
18-36
5
3
4700
80mV p-p
3000
77
AM15E-2412SH30IZ
18-36
12
1.25
680
120mVp-p
3000
84
AM15E-2415SH30IZ
18-36
15
1
470
150mVp-p
3000
83
AM15E-4803SH30IZ
36-75
3.3
4
8100
80mV p-p
3000
75
AM15E-4805SH30IZ
36-75
5
3
4700
80mV p-p
3000
76
AM15E-4812SH30IZ
36-75
12
1.25
680
120mVp-p
3000
85
AM15E-4815SH30IZ
36-75
15
1
470
150mVp-p
3000
85
Models
Dual output
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current
max
(A)
Max.
Capacitive
load
(µF)
Ripple &
Noise
typ
Isolation
(VDC)
Efficiency
(%)
AM15E-1205DIZ
9-18
±5
±1.5
±2300
50mVp-p
1500
85
AM15E-1212DIZ
9-18
±12
±0.62
±340
120mVp-p
1500
85
AM15E-1215DIZ
9-18
±15
±0.5
±230
150mVp-p
1500
85
AM15E-2405DIZ
18-36
±5
±1.5
±2300
50mVp-p
1500
83
AM15E-2412DIZ
18-36
±12
±0.62
±340
120mVp-p
1500
88
AM15E-2415DIZ
18-36
±15
±0.5
±230
150mVp-p
1500
87
AM15E-4805DIZ
36-75
±5
±1.5
±2300
50mVp-p
1500
83
AM15E-4812DIZ
36-75
±12
±0.62
±340
120mVp-p
1500
88
AM15E-4815DIZ
36-75
±15
±0.5
±230
150mVp-p
1500
87
AM15E-1205DH30IZ
9-18
±5
±1.5
±2300
50mVp-p
3000
78
AM15E-1212DH30IZ
9-18
±12
±0.62
±340
120mVp-p
3000
82
Click on Series name for product info on aimtec.com


Número de pieza similar - AM15E-2415SH30IZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM15E-2415SH30IZ AIMTEC-AM15E-2415SH30IZ Datasheet
536Kb / 5P
   15 Watt | DC-DC Converter
More results

Descripción similar - AM15E-2415SH30IZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM15E-I AIMTEC-AM15E-I Datasheet
245Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z_13 Datasheet
265Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z Datasheet
251Kb / 3P
   15 Watt | DC-DC Converter
AM20EW-NZ AIMTEC-AM20EW-NZ Datasheet
199Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-NZ AIMTEC-AM15EW-NZ Datasheet
201Kb / 4P
   15 Watt | DC-DC Converter
AM15W-NZ AIMTEC-AM15W-NZ Datasheet
149Kb / 4P
   15 Watt | DC-DC Converter
AM15E-Z AIMTEC-AM15E-Z_13 Datasheet
424Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-I AIMTEC-AM15EW-I Datasheet
123Kb / 2P
   15 Watt | DC-DC Converter
logo
Wall Industries,Inc.
YFW15 WALL-YFW15 Datasheet
130Kb / 3P
   15 Watt DC/DC Converter
DM WALL-DM Datasheet
162Kb / 3P
   15 Watt DC/DC Converter
logo
AIMTEC
AM15E-IZ AIMTEC-AM15E-IZ Datasheet
536Kb / 5P
   15 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com