Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC62D776CFG Datasheet(PDF) 9 Page - Marktech Corporate

No. de pieza TC62D776CFG
Descripción Electrónicos  16-Channel Constant-Current LED Driver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MARKTECH [Marktech Corporate]
Página de inicio  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TC62D776CFG Datasheet(HTML) 9 Page - Marktech Corporate

Back Button TC62D776CFG_15 Datasheet HTML 5Page - Marktech Corporate TC62D776CFG_15 Datasheet HTML 6Page - Marktech Corporate TC62D776CFG_15 Datasheet HTML 7Page - Marktech Corporate TC62D776CFG_15 Datasheet HTML 8Page - Marktech Corporate TC62D776CFG_15 Datasheet HTML 9Page - Marktech Corporate TC62D776CFG_15 Datasheet HTML 10Page - Marktech Corporate TC62D776CFG_15 Datasheet HTML 11Page - Marktech Corporate TC62D776CFG_15 Datasheet HTML 12Page - Marktech Corporate TC62D776CFG_15 Datasheet HTML 13Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
TC62D776CFG
2011-12-07
9
S1 command (Output open/short detection function manual operation is executed.)
Description
If SCK pulses High five or six times while TRANS is High, it is interpreted as the S1 command, which acts as
follows.
If output open/short detection is enabled, a current of approximately 60 μA is forced to flow to all the outputs
during the tON(S1) period in order to perform open/short detection. tON(S1) is approximately 800 ns long.
Its result is immediately transferred to the 16-bit Shift Register, which can be shifted out from the SOUT pin.
The format used to transfer the detection result is the same as for the S0 command.
Output open/short detection can be enabled with the S3 command.
Note: The S1 command should be loaded when the outputs are off. The S1 command is not executed if it is
loaded when ENABLE = Low.The S1 command is not also executed when output open/short detection
is disabled.
SCK should not be applied during the tON(S1) period.
Basic input pattern of S1 command
After the S1 command is loaded, the first SCK pulse (marked X above) is used to transfer an error detection
result to the 16-bit Shift Register. At this time, the TC62D776CFG ignores the SIN input.


Número de pieza similar - TC62D776CFG_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC62D776CFG TOSHIBA-TC62D776CFG Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply
logo
Marktech Corporate
TC62D776CFG MARKTECH-TC62D776CFG Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver
More results

Descripción similar - TC62D776CFG_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
   16 Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016W-T1 ONSEMI-CAT4016W-T1 Datasheet
293Kb / 15P
   16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
logo
Marktech Corporate
TC62D776CFNAG MARKTECH-TC62D776CFNAG_15 Datasheet
567Kb / 33P
   16-Channel Constant-Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016_15 Datasheet
121Kb / 14P
   16-Channel Constant Current LED Driver
July, 2015 ??Rev. 5
logo
LDT Co., Ltd
LD1016H LDT-LD1016H Datasheet
552Kb / 21P
   16 Channel Constant current LED Driver
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016_08 Datasheet
231Kb / 15P
   16-Channel Constant Current LED Driver
logo
SHANGHAI BELLING CO., L...
BL8589 BELLING-BL8589 Datasheet
416Kb / 12P
   16-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com