Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC62D776CFG Datasheet(PDF) 1 Page - Marktech Corporate

No. de pieza TC62D776CFG
Descripción Electrónicos  16-Channel Constant-Current LED Driver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MARKTECH [Marktech Corporate]
Página de inicio  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TC62D776CFG Datasheet(HTML) 1 Page - Marktech Corporate

  TC62D776CFG_15 Datasheet HTML 1Page - Marktech Corporate TC62D776CFG_15 Datasheet HTML 2Page - Marktech Corporate TC62D776CFG_15 Datasheet HTML 3Page - Marktech Corporate TC62D776CFG_15 Datasheet HTML 4Page - Marktech Corporate TC62D776CFG_15 Datasheet HTML 5Page - Marktech Corporate TC62D776CFG_15 Datasheet HTML 6Page - Marktech Corporate TC62D776CFG_15 Datasheet HTML 7Page - Marktech Corporate TC62D776CFG_15 Datasheet HTML 8Page - Marktech Corporate TC62D776CFG_15 Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
TC62D776CFG
2011-12-07
1
TOSHIBA CMOS Integrated Circuit Silicon Monolithic
TC62D776CFG
16-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply
The TC62D776CFG is a constant-current driver for LED and
LED display lighting applications.
The output current from each of the 16 outputs is programmable
via a single external resistor.
The TC62D776CFG contains a 16-channel shift register, a
16-channel latch, a 16-channel AND gate and a 16-channel
constant-current output.
Fabricated with a CMOS process, the TC62D776CFG allows
high-speed data transfer.
It operates with a 3.3- or 5-V power supply.
.
Features
● Supply voltage
: VDD = 3.0 to 5.5 V
● 16-output built-in
● Output current setup range
: IOUT = 1.5 to 90 mA
● Constant current output accuracy (@ REXT = 1.2 kΩ, VOUT = 1.0 V, VDD = 3.3 V, 5.0 V)
: S rank; between outputs
± 1.5 % (max)
: S rank; between devices
± 1.5 % (max)
: N rank; between outputs
± 2.5 % (max)
: N rank; between devices
± 2.5 % (max)
●Output voltage
: VOUT = 17 V (max)
● I/O interface
: CMOS interfaces (Schmitt trigger input)
● Data transfer frequency
: fSCK = 25 MHz (max)
● Operation temperature range
: Topr = −40 to 85 °C
● 8-bit (256 steps) current correction function built-in.
1 bit (HC) by the MSB side: Selects the output current range.
7 bit by the LSB side: Output current is adjusted at 128 steps in the range of 11% to 45%. (In the case of HC=1)
Output current is adjusted at 128 steps in the range of 50% to 200%. (In the case of HC=0)
● Thermal shutdown function (TSD) built-in.
● Output error detection function built-in.
Auto-output error detection and manual-output error detection using commands
Output open detection function (OOD) and output short detection function (OSD) built-in.
● Power-on-reset function built-in. (When the power supply is turned on, internal data is reset)
● Stand-by function built-in. (IDD = 1μA at standby mode)
● Output delay function built-in. (Output switching noise is reduced)
● Package
: SSOP24-P-300-1.00B
For detailed part naming conventions, contact your local Toshiba sales representative or distributor.
SSOP24-P-300-1.00B
Weight : 0.32g Typ.


Número de pieza similar - TC62D776CFG_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC62D776CFG TOSHIBA-TC62D776CFG Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply
logo
Marktech Corporate
TC62D776CFG MARKTECH-TC62D776CFG Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver
More results

Descripción similar - TC62D776CFG_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
   16 Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016W-T1 ONSEMI-CAT4016W-T1 Datasheet
293Kb / 15P
   16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
logo
Marktech Corporate
TC62D776CFNAG MARKTECH-TC62D776CFNAG_15 Datasheet
567Kb / 33P
   16-Channel Constant-Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016_15 Datasheet
121Kb / 14P
   16-Channel Constant Current LED Driver
July, 2015 ??Rev. 5
logo
LDT Co., Ltd
LD1016H LDT-LD1016H Datasheet
552Kb / 21P
   16 Channel Constant current LED Driver
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016_08 Datasheet
231Kb / 15P
   16-Channel Constant Current LED Driver
logo
SHANGHAI BELLING CO., L...
BL8589 BELLING-BL8589 Datasheet
416Kb / 12P
   16-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com