Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHC_AHCT132 Datasheet(PDF) 1 Page - NXP Semiconductors

No. de pieza 74AHC_AHCT132
Descripción Electrónicos  Quad 2-input NAND Schmitt trigger
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC_AHCT132 Datasheet(HTML) 1 Page - NXP Semiconductors

  74AHC_AHCT132_15 Datasheet HTML 1Page - NXP Semiconductors 74AHC_AHCT132_15 Datasheet HTML 2Page - NXP Semiconductors 74AHC_AHCT132_15 Datasheet HTML 3Page - NXP Semiconductors 74AHC_AHCT132_15 Datasheet HTML 4Page - NXP Semiconductors 74AHC_AHCT132_15 Datasheet HTML 5Page - NXP Semiconductors 74AHC_AHCT132_15 Datasheet HTML 6Page - NXP Semiconductors 74AHC_AHCT132_15 Datasheet HTML 7Page - NXP Semiconductors 74AHC_AHCT132_15 Datasheet HTML 8Page - NXP Semiconductors 74AHC_AHCT132_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
General description
The 74AHC132; 74AHCT132 is a high-speed Si-gate CMOS device and is pin compatible
with Low-power Schottky TTL (LSTTL). It is specified in compliance with JEDEC standard
No. 7-A.
The 74AHC132; 74AHCT132 contains four 2-input NAND gates which accept standard
input signals. They are capable of transforming slowly changing input signals into sharply
defined, jitter free output signals. The gate switches at different points for positive-going
and negative-going signals. The difference between the positive voltage VT+ and the
negative VT− is defined as the hysteresis voltage VH.
2.
Features
I Balanced propagation delays
I Inputs accept voltages higher than VCC
I Input levels:
N For 74AHC132: CMOS level
N For 74AHCT132: TTL level
I ESD protection:
N HBM EIA/JESD22-A114E exceeds 2000 V
N MM EIA/JESD22-A115-A exceeds 200 V
N CDM EIA/JESD22-C101C exceeds 1000 V
I Multiple package options
I Specified from −40 °C to +85 °C and from −40 °C to +125 °C
3.
Ordering information
74AHC132; 74AHCT132
Quad 2-input NAND Schmitt trigger
Rev. 06 — 4 May 2009
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AHC132
74AHC132D
−40 °C to +125 °C
SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1
74AHC132PW
−40 °C to +125 °C
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
74AHC132BQ
−40 °C to +125 °C
DHVQFN14 plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 14 terminals;
body 2.5
× 3 × 0.85 mm
SOT762-1


Número de pieza similar - 74AHC_AHCT132_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHC_AHCT139 PHILIPS-74AHC_AHCT139_15 Datasheet
91Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 02-9 May 2008
More results

Descripción similar - 74AHC_AHCT132_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74F132 PHILIPS-74F132 Datasheet
71Kb / 8P
   Quad 2-input NAND Schmitt trigger
1991 Jun 26
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
   Quad 2-input NAND Schmitt trigger
1999 Sep 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com