Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHC1GU04 Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza 74AHC1GU04
Descripción Electrónicos  Inverter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC1GU04 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74AHC1GU04_15 Datasheet HTML 3Page - NXP Semiconductors 74AHC1GU04_15 Datasheet HTML 4Page - NXP Semiconductors 74AHC1GU04_15 Datasheet HTML 5Page - NXP Semiconductors 74AHC1GU04_15 Datasheet HTML 6Page - NXP Semiconductors 74AHC1GU04_15 Datasheet HTML 7Page - NXP Semiconductors 74AHC1GU04_15 Datasheet HTML 8Page - NXP Semiconductors 74AHC1GU04_15 Datasheet HTML 9Page - NXP Semiconductors 74AHC1GU04_15 Datasheet HTML 10Page - NXP Semiconductors 74AHC1GU04_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
74AHC1GU04_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 10 July 2007
7 of 12
NXP Semiconductors
74AHC1GU04
Inverter
Maximum Vo(p-p) =VCC − 1.5 V centered at
0.5
× VCC.
Gol = open loop gain
Gv = voltage gain
R1
≥ 3kΩ,R2 ≤ 1MΩ
ZL >10kΩ; Gol = 20 (typ.)
Typical unity gain bandwidth product is 5 MHz.
C1 = 47 pF (typ.)
C2 = 22 pF (typ.)
R1 = 1 M
Ω to 10 MΩ (typ.)
R2 optimum value depends on the frequency and
required stability against changes in VCC or average
minimum ICC (ICC is typically 2 mA at VCC = 3 V and
f = 1 MHz).
Fig 12. Used as a linear amplifier
Fig 13. Crystal oscillator configuration
U04
R1
R2
VCC
ZL
mna052
1
µF
mna053
U04
out
R2
R1
C1
C2
G
v
G
ol
1
R1
R2
------- 1G
ol
+
()
+
---------------------------------------
=
Table 9.
External components for resonator (f < 1 MHz)
All values given are typical and must be used as an initial set-up.
Frequency
R1
R2
C1
C2
10 kHz to 15.9 kHz
22 M
220 k
56 pF
20 pF
16 kHz to 24.9 kHz
22 M
220 k
56 pF
10 pF
25 kHz to 54.9 kHz
22 M
100 k
56 pF
10 pF
55 kHz to 129.9 kHz
22 M
100 k
47 pF
5 pF
130 kHz to 199.9 kHz
22 M
47 k
47 pF
5 pF
200 kHz to 349.9 kHz
22 M
47 k
47 pF
5 pF
350 kHz to 600 kHz
22 M
47 k
47 pF
5 pF
Table 10.
Optimum value for R2
Frequency
R2
Optimum for
3 kHz
2.0 k
minimum required ICC
8.0 k
minimum influence due to change in VCC
6 kHz
1.0 k
minimum required ICC
4.7 k
minimum influence by VCC
10 kHz
0.5 k
minimum required ICC
2.0 k
minimum influence by VCC
14 kHz
0.5 k
minimum required ICC
1.0 k
minimum influence by VCC
>14 kHz
-
replace R2 by C3 with a typical value of 35 pF


Número de pieza similar - 74AHC1GU04_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
74AHC1GU04 DIODES-74AHC1GU04_11 Datasheet
178Kb / 8P
   UNBUFFERED SINGLE INVERTER GATE
More results

Descripción similar - 74AHC1GU04_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com