Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N7002BKS Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza 2N7002BKS
Descripción Electrónicos  60 V, 300 mA dual N-channel Trench MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2N7002BKS Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 2N7002BKS Datasheet HTML 7Page - NXP Semiconductors 2N7002BKS Datasheet HTML 8Page - NXP Semiconductors 2N7002BKS Datasheet HTML 9Page - NXP Semiconductors 2N7002BKS Datasheet HTML 10Page - NXP Semiconductors 2N7002BKS Datasheet HTML 11Page - NXP Semiconductors 2N7002BKS Datasheet HTML 12Page - NXP Semiconductors 2N7002BKS Datasheet HTML 13Page - NXP Semiconductors 2N7002BKS Datasheet HTML 14Page - NXP Semiconductors 2N7002BKS Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2N7002BKS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 23 September 2010
11 of 16
NXP Semiconductors
2N7002BKS
60 V, 300 mA dual N-channel Trench MOSFET
9.
Package outline
Fig 18. Package outline SOT363 (SC-88)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT363
SC-88
wB
M
bp
D
e1
e
pin 1
index
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
0
1
2 mm
scale
c
X
13
2
4
5
6
Plastic surface-mounted package; 6 leads
SOT363
UNIT
A1
max
bp
cD
E
e1
HE
Lp
Qy
w
v
mm
0.1
0.30
0.20
2.2
1.8
0.25
0.10
1.35
1.15
0.65
e
1.3
2.2
2.0
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
0.25
0.15
A
1.1
0.8
04-11-08
06-03-16


Número de pieza similar - 2N7002BKS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
2N7002BKS NXP-2N7002BKS Datasheet
384Kb / 16P
   60 V, 300 mA dual N-channel Trench MOSFET
Rev. 2-23 September 2010
logo
Nexperia B.V. All right...
2N7002BKS NEXPERIA-2N7002BKS Datasheet
931Kb / 16P
   60 V, 300 mA dual N-channel Trench MOSFET
Rev. 2 - 23 September 2010
More results

Descripción similar - 2N7002BKS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
2N7002BKS NXP-2N7002BKS Datasheet
384Kb / 16P
   60 V, 300 mA dual N-channel Trench MOSFET
Rev. 2-23 September 2010
logo
Nexperia B.V. All right...
2N7002BKS NEXPERIA-2N7002BKS Datasheet
931Kb / 16P
   60 V, 300 mA dual N-channel Trench MOSFET
Rev. 2 - 23 September 2010
logo
NXP Semiconductors
2N7002 NXP-2N7002 Datasheet
159Kb / 13P
   60 V, 300 mA N-channel Trench MOSFET
Rev. 7-8 September 2011
2N7002-215 NXP-2N7002-215 Datasheet
159Kb / 13P
   60 V, 300 mA N-channel Trench MOSFET
Rev. 7-8 September 2011
logo
Nexperia B.V. All right...
2N7002 NEXPERIA-2N7002 Datasheet
855Kb / 13P
   60 V, 300 mA N-channel Trench MOSFET
Rev. 7 - 8 September 2011
logo
NXP Semiconductors
BSS138PS NXP-BSS138PS Datasheet
374Kb / 16P
   60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1-2 November 2010
logo
Nexperia B.V. All right...
2N7002BKV NEXPERIA-2N7002BKV Datasheet
281Kb / 14P
   60 V, 340 mA dual N-channel Trench MOSFET
28 December 2022
logo
NXP Semiconductors
BSS138BKS PHILIPS-BSS138BKS Datasheet
861Kb / 18P
   60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1-12 August 2011
2N7002BKV NXP-2N7002BKV Datasheet
379Kb / 16P
   60 V, 340 mA dual N-channel Trench MOSFET
Rev. 2-22 September 2010
logo
Nexperia B.V. All right...
BSS138BKS NEXPERIA-BSS138BKS Datasheet
1Mb / 17P
   60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1 - 12 August 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com