Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ALVCH16843 Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza 74ALVCH16843
Descripción Electrónicos  18-bit bus-interface D-type latch (3-State)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16843 Datasheet(HTML) 3 Page - NXP Semiconductors

  74ALVCH16843_15 Datasheet HTML 1Page - NXP Semiconductors 74ALVCH16843_15 Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16843_15 Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16843_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16843_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16843_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16843_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16843_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16843_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74ALVCH16843
18-bit bus interface D-type latch (3-State)
1998 Aug 04
3
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1
1CLR
Clear input (active LOW)
2
1OE
Output enable input (active
LOW)
55
1PRE
Preset input (active LOW)
56
1LE
Latch enable input (active
HIGH)
54, 52, 51, 49, 48,
47, 45, 44, 43
1D0 to 1D8
Data inputs
3, 5, 6, 8, 9,
10, 12, 13, 14
1Q0 to 1Q8
Data outputs
4, 11, 18, 25,
32, 39, 46, 53
GND
Ground (0V)
7, 22, 35, 50
VCC
Positive supply voltage
27
2OE
Output enable input (active
LOW)
28
2CLR
Clear input (active LOW)
29
2LE
Latch enable input (active
HIGH)
30
2PRE
Preset input (active LOW)
42, 41, 40, 38, 37,
36, 34, 33, 31
2D0 to 2D8
Data inputs
15, 16, 17, 19, 20,
21, 23, 24, 26
2Q0 to 2Q8
Data outputs
FUNCTION TABLE
INPUTS
OUTPUT
nPRE
nCLR
nOE
LE
DX
Q
L
X
L
X
X
H
H
L
L
X
X
L
H
H
L
H
L
L
H
H
L
H
H
H
H
H
L
H
X
Q0
X
X
H
H
X
Z
H
=
HIGH voltage level
L
=
LOW voltage level
X
=
Don’t care
Z
=
High impedance “off” state
LOGIC SYMBOL
54
52
51
49
48
47
45
44
41
40
38
37
36
34
33
31
3
5
6
8
9
10
12
13
16
17
19
20
21
23
24
26
1D0
1D1
1D2
1D3
1D4
1D5
1D6
1D7
1D8
2D0
2D1
2D2
2D3
2D4
2D5
2D6
2D7
1Q0
1Q1
1Q2
1Q3
1Q4
1Q5
1Q6
1Q7
1Q8
2Q0
2Q1
2Q2
2Q3
2Q4
2Q5
2Q6
2Q7
2D8
2Q8
1OE
1LE
2OE
2LE
256
27
29
SH00144
1CLR 1PRE
2CLR 2PRE
155
28
30
14
15
43
42


Número de pieza similar - 74ALVCH16843_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ALVCH16843DGG PHILIPS-74ALVCH16843DGG Datasheet
84Kb / 12P
   18-bit bus-interface D-type latch 3-State
1998 Aug 04
logo
Nexperia B.V. All right...
74ALVCH16843DGG NEXPERIA-74ALVCH16843DGG Datasheet
204Kb / 16P
   18-bit bus-interface D-type latch; 3-State
Rev. 3 - 20 November 2017
More results

Descripción similar - 74ALVCH16843_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ALVCH16843 PHILIPS-74ALVCH16843 Datasheet
84Kb / 12P
   18-bit bus-interface D-type latch 3-State
1998 Aug 04
logo
Nexperia B.V. All right...
74ALVCH16843 NEXPERIA-74ALVCH16843 Datasheet
204Kb / 16P
   18-bit bus-interface D-type latch; 3-State
Rev. 3 - 20 November 2017
logo
NXP Semiconductors
74ALVCH16841 PHILIPS-74ALVCH16841 Datasheet
77Kb / 10P
   20-bit bus interface D-type latch 3-State
1998 Jul 27
logo
Nexperia B.V. All right...
74ALVCH16841 NEXPERIA-74ALVCH16841 Datasheet
215Kb / 12P
   20-bit bus interface D-type latch; 3-state
Rev. 3 - 12 September 2018
logo
Texas Instruments
SN74ALS843 TI-SN74ALS843 Datasheet
90Kb / 6P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC841A TI-SN74LVC841A Datasheet
136Kb / 9P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS845 TI1-SN74ALS845_11 Datasheet
223Kb / 9P
[Old version datasheet]   8-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS845 TI-SN74ALS845 Datasheet
92Kb / 6P
[Old version datasheet]   8-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS843 TI1-SN74ALS843_15 Datasheet
479Kb / 11P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74BCT29844 TI1-SN74BCT29844 Datasheet
99Kb / 6P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OURPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com