Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ALVT16501 Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza 74ALVT16501
Descripción Electrónicos  18-bit universal bus transceiver; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16501 Datasheet(HTML) 3 Page - NXP Semiconductors

  74ALVT16501_15 Datasheet HTML 1Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
74ALVT16501_4
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 04 — 8 August 2005
3 of 20
Philips Semiconductors
74ALVT16501
18-bit universal bus transceiver; 3-state
5.
Functional diagram
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
001aad339
5
54
52
B0
B1
3
A0
A1
6
51
B2
A2
8
49
B3
A3
9
48
B4
A4
10
47
B5
A5
12
45
B6
A6
13
44
B7
A7
14
43
B8
A8
15
42
B9
A9
16
41
B10
A10
17
40
B11
A11
19
38
B12
A12
20
37
B13
A13
21
36
B14
A14
23
34
B15
A15
24
33
B16
A16
26
31
B17
A17
28
30
27
2
1
55
1
1
3D
16D
4
001aad338
5
54
52
B0
B1
3
A0
A1
651
B2
A2
849
B3
A3
948
B4
A4
10
47
B5
A5
12
45
B6
A6
13
44
B7
A7
14
43
B8
A8
15
42
B9
A9
16
41
B10
A10
17
40
B11
A11
19
38
B12
A12
20
37
B13
A13
21
36
B14
A14
23
34
B15
A15
24
33
B16
A16
26
31
B17
A17
G5
28
30
LEBA
CPBA
C6
G2
LEAB
C3
27
2
OEAB
EN1
1
EN4
OEBA
5C6
55
CPAB
2C3


Número de pieza similar - 74ALVT16501_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ALVT16501DGG PHILIPS-74ALVT16501DGG Datasheet
102Kb / 16P
   2.5V/3.3V 18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVT16501DGG PHILIPS-74ALVT16501DGG Datasheet
123Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
logo
Nexperia B.V. All right...
74ALVT16501DGG NEXPERIA-74ALVT16501DGG Datasheet
231Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 04 - 8 August 2005
logo
NXP Semiconductors
74ALVT16501DL PHILIPS-74ALVT16501DL Datasheet
102Kb / 16P
   2.5V/3.3V 18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVT16501DL PHILIPS-74ALVT16501DL Datasheet
123Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
More results

Descripción similar - 74ALVT16501_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Feb 27
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
logo
NXP Semiconductors
74ALVT16501 PHILIPS-74ALVT16501_05 Datasheet
123Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
74ALVCH16500 PHILIPS-74ALVCH16500 Datasheet
88Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVCH16501 PHILIPS-74ALVCH16501 Datasheet
86Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Sep 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com