Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ALVT16543 Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza 74ALVT16543
Descripción Electrónicos  2.5 V/3.3 V ALVT 16-bit registered transceiver (3-State)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16543 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVT16543_15 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16543_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16543_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16543_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16543_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16543_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16543_15 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16543_15 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16543_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Philips Semiconductors
Product data sheet
74ALVT16543
2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
7
DC ELECTRICAL CHARACTERISTICS (2.5 V
± 0.2 V RANGE)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = –40
°C to +85 °C
UNIT
MIN
TYP1
MAX
VIK
Input clamp voltage
VCC = 2.3 V; IIK = –18 mA
–0.85
–1.2
V
VOH
HIGH-level output voltage
VCC = 2.3 V to 3.6 V; IOH = –100 µA
VCC – 0.2
VCC
V
VOH
HIGH-level out ut voltage
VCC = 2.3 V; IOH = –8 mA
1.8
2.1
V
VCC = 2.3 V; IOL = 100 µA
0.07
0.2
VOL
LOW-level output voltage
VCC = 2.3 V; IOL = 24 mA
0.3
0.5
V
VCC = 2.3 V; IOL = 8 mA
0.4
VRST
Power-up output low voltage7
VCC = 2.7 V; IO = 1 mA; VI = VCC or GND
0.55
V
VCC = 2.7 V; VI = VCC or GND
Control pins
0.1
± 1
VCC = 0 V or 2.7 V; VI = 5.5 V
0.1
10
II
Input leakage current
VCC = 2.7 V; VI = 5.5 V
4
0.1
20
µA
VCC = 2.7 V; VI = VCC
Data pins4
0.1
10
VCC = 2.7 V; VI = 0 V
0.1
–5
IOFF
Off current
VCC = 0 V; VI or VO = 0 V to 4.5 V
0.1
± 100
µA
IHOLD
Bus Hold current
VCC = 2.3 V; VI = 0.7 V
120
µA
IHOLD
Data inputs6
VCC = 2.3 V; VI = 1.7 V
–6
µA
IEX
Current into an output in the
HIGH state when VO > VCC
VO = 5.5 V; VCC = 2.3 V
50
125
µA
IPU/PD
Power-up/down 3-State output
current3
VCC ≤ 1.2 V; VO = 0.5 V to VCC; VI = GND or VCC;
OE/OE = Don’t care
40
100
µA
ICCH
VCC = 2.7 V; Outputs HIGH, VI = GND or VCC;
IO = 0 mA
0.04
0.1
ICCL
Quiescent supply current
VCC = 2.7 V; Outputs LOW, VI = GND or VCC;
IO = 0 mA
2.6
4.5
mA
ICCZ
VCC = 2.7 V; Outputs disabled; VI = GND or VCC;
IO = 0 mA5
0.04
0.1
∆ICC
Additional supply current per
input pin2
VCC = 2.3 V to 2.7 V; One input at VCC – 0.6 V;
Other inputs at VCC or GND
0.01
0.4
mA
NOTES:
1. All typical values are at VCC = 2.5 V and Tamb = 25 °C.
2. This is the increase in supply current for each input at the specified voltage level other than VCC or GND.
3. This parameter is valid for any VCC between 0 V and 1.2 V with a transition time of up to 10 msec. From VCC = 1.2 V to VCC = 2.5 V ± 0.2 V
a transition time of 100
µsec is permitted. This parameter is valid for Tamb = 25 °C only.
4. Unused pins at VCC or GND.
5. ICCZ is measured with outputs pulled up to VCC or pulled down to ground.
6. Not guaranteed.
7. For valid test results, data must not be loaded into the flip-flops (or latches) after applying power.


Número de pieza similar - 74ALVT16543_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ALVT16543DGG PHILIPS-74ALVT16543DGG Datasheet
100Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVT16543DGG NEXPERIA-74ALVT16543DGG Datasheet
240Kb / 16P
   2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
logo
NXP Semiconductors
74ALVT16543DL PHILIPS-74ALVT16543DL Datasheet
100Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVT16543DL NEXPERIA-74ALVT16543DL Datasheet
240Kb / 16P
   2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
More results

Descripción similar - 74ALVT16543_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74ALVT16543 NEXPERIA-74ALVT16543 Datasheet
240Kb / 16P
   2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
74LVT16543A NEXPERIA-74LVT16543A Datasheet
243Kb / 15P
   3.3 V 16-bit registered transceiver; 3-state
Rev. 4 - 1 April 2021
logo
Texas Instruments
SN74LVTH16543-EP TI1-SN74LVTH16543-EP Datasheet
304Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVER 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVT16543 PHILIPS-74ALVT16543 Datasheet
100Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Feb 13
74ALVT16952 PHILIPS-74ALVT16952 Datasheet
98Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Mar 19
logo
Texas Instruments
SN74LVTH16952-EP TI1-SN74LVTH16952-EP Datasheet
311Kb / 11P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH182512-EP TI1-SN74LVTH182512-EP Datasheet
311Kb / 11P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVTN16245B PHILIPS-74LVTN16245B_15 Datasheet
221Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 5-5 April 2012
74LVT_LVTH16245B PHILIPS-74LVT_LVTH16245B_15 Datasheet
261Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 10-1 March 2012
74LVTN16245B NXP-74LVTN16245B_10 Datasheet
155Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 02-23 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com