Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ALVT16827 Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza 74ALVT16827
Descripción Electrónicos  20-bit buffer/line driver; non-inverting; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16827 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74ALVT16827_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 11Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 12Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9397 750 15122
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 2 June 2005
9 of 16
Philips Semiconductors
74ALVT16827
20-bit buffer/line driver; non-inverting; 3-state
11. Dynamic characteristics
Table 8:
Dynamic characteristics
GND = 0 V; tr = tf = 2.5 ns; CL = 50 pF; RL = 500 Ω; Tamb = -40 °C to +85 °C; for test circuit see Figure 7.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC = 3.3 V ± 0.3 V
tPLH
propagation delay
nAx to nYx
see Figure 5
0.7
1.5
2.2
ns
tPHL
propagation delay
nAx to nYx
see Figure 5
0.8
1.6
2.3
ns
tPZH
output enable time to
HIGH-level
see Figure 6
1.6
2.6
3.8
ns
tPZL
output enable time to
LOW-level
see Figure 6
1.4
2.3
3.2
ns
tPHZ
output disable time
from HIGH-level
see Figure 6
2.3
3.2
4.8
ns
tPLZ
output disable time
from LOW-level
see Figure 6
1.5
2.5
3.8
ns
VCC = 2.5 V ± 0.2 V
tPLH
propagation delay
nAx to nYx
see Figure 5
1.0
2.0
2.9
ns
tPHL
propagation delay
nAx to nYx
see Figure 5
1.0
2.0
3.0
ns
tPZH
output enable time to
HIGH-level
see Figure 6
2.0
3.2
5.5
ns
tPZL
output enable time to
LOW-level
see Figure 6
1.7
2.9
4.3
ns
tPHZ
output disable time
from HIGH-level
see Figure 6
1.8
2.8
5.1
ns
tPLZ
output disable time
from LOW-level
see Figure 6
1.4
2.3
3.9
ns


Número de pieza similar - 74ALVT16827_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ALVT16827DGG PHILIPS-74ALVT16827DGG Datasheet
82Kb / 10P
   2.5V/3.3V ALVT 20-bit buffer/line driver, non-inverting 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVT16827DGG NEXPERIA-74ALVT16827DGG Datasheet
201Kb / 14P
   20-bit buffer/line driver; non-inverting; 3-state
Rev. 4 - 24 January 2018
logo
NXP Semiconductors
74ALVT16827DL PHILIPS-74ALVT16827DL Datasheet
82Kb / 10P
   2.5V/3.3V ALVT 20-bit buffer/line driver, non-inverting 3-State
1998 Feb 13
More results

Descripción similar - 74ALVT16827_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74ALVT16827 NEXPERIA-74ALVT16827 Datasheet
201Kb / 14P
   20-bit buffer/line driver; non-inverting; 3-state
Rev. 4 - 24 January 2018
74ALVCH16827 NEXPERIA-74ALVCH16827 Datasheet
189Kb / 13P
   20-bit buffer/line driver, non-inverting; 3-state
Rev. 3 - 6 April 2018
logo
NXP Semiconductors
74ABT16827A PHILIPS-74ABT16827A Datasheet
73Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Feb 27
74ALVCH16827 PHILIPS-74ALVCH16827 Datasheet
72Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Jul 27
74F827 NXP-74F827 Datasheet
88Kb / 13P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 04-29 January 2010
74ABT827 NXP-74ABT827 Datasheet
93Kb / 14P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 03-24 February 2010
74ABT827 PHILIPS-74ABT827 Datasheet
97Kb / 11P
   10-bit buffer/line driver, non-inverting 3-State
1998 Jan 16
74ABT16825A PHILIPS-74ABT16825A Datasheet
75Kb / 10P
   18-bit buffer/line driver; non-inverting 3-State
1998 Feb 25
74F827 PHILIPS-74F827 Datasheet
97Kb / 12P
   10-bit buffer/line driver, non-inverting 3-State
1994 Dec 5
74ALVT16827 PHILIPS-74ALVT16827 Datasheet
82Kb / 10P
   2.5V/3.3V ALVT 20-bit buffer/line driver, non-inverting 3-State
1998 Feb 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com