Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP1G18 Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza 74AUP1G18
Descripción Electrónicos  Low-power 1-of-2 demultiplexer with 3-state deselected output
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G18 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AUP1G18_15 Datasheet HTML 4Page - NXP Semiconductors 74AUP1G18_15 Datasheet HTML 5Page - NXP Semiconductors 74AUP1G18_15 Datasheet HTML 6Page - NXP Semiconductors 74AUP1G18_15 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G18_15 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G18_15 Datasheet HTML 9Page - NXP Semiconductors 74AUP1G18_15 Datasheet HTML 10Page - NXP Semiconductors 74AUP1G18_15 Datasheet HTML 11Page - NXP Semiconductors 74AUP1G18_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
74AUP1G18
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 3 July 2012
8 of 22
NXP Semiconductors
74AUP1G18
Low-power 1-of-2 demultiplexer with 3-state deselected output
11. Dynamic characteristics
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7.
Symbol Parameter
Conditions
25
C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
(85
C)
Max
(125
C)
CL = 5 pF
tpd
propagation delay A to nY; see Figure 5
[2]
VCC = 0.8 V
-
20.4
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.7
5.6
10.6
2.4
10.7
10.7
ns
VCC = 1.4 V to 1.6 V
2.4
3.9
6.1
2.2
6.5
6.7
ns
VCC = 1.65 V to 1.95 V
1.8
3.1
4.7
1.6
5.3
5.6
ns
VCC = 2.3 V to 2.7 V
1.6
2.4
3.6
1.4
4.0
4.2
ns
VCC = 3.0 V to 3.6 V
1.4
2.2
3.1
1.2
3.4
3.5
ns
ten
enable time
S to nY; see Figure 6
[3]
-
VCC = 0.8 V
-
46.1
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.1
5.6
9.7
2.9
10.1
11.1
ns
VCC = 1.4 V to 1.6 V
2.5
4.0
6.2
2.2
6.6
7.3
ns
VCC = 1.65 V to 1.95 V
2.1
3.3
5.1
1.8
5.5
6.1
ns
VCC = 2.3 V to 2.7 V
1.7
2.7
3.9
1.4
4.2
4.6
ns
VCC = 3.0 V to 3.6 V
1.5
2.4
3.5
1.2
3.7
4.1
ns
tdis
disable time
S to nY; see Figure 6
[4]
VCC = 0.8 V
-
12.6
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.0
4.7
7.5
2.9
7.9
8.7
ns
VCC = 1.4 V to 1.6 V
2.3
3.5
5.2
2.2
5.5
6.1
ns
VCC = 1.65 V to 1.95 V
2.3
3.4
4.8
2.1
5.1
5.6
ns
VCC = 2.3 V to 2.7 V
1.7
2.5
3.6
1.5
3.9
4.3
ns
VCC = 3.0 V to 3.6 V
2.0
2.9
3.8
1.8
4.1
4.5
ns
CL = 10 pF
tpd
propagation delay A to nY; see Figure 5
[2]
VCC = 0.8 V
-
23.9
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.9
6.4
12.2
2.9
12.3
12.3
ns
VCC = 1.4 V to 1.6 V
2.7
4.5
7.1
2.4
7.6
7.9
ns
VCC = 1.65 V to 1.95 V
2.3
3.7
5.5
2.1
6.0
6.3
ns
VCC = 2.3 V to 2.7 V
1.9
3.0
4.2
1.8
4.6
4.9
ns
VCC = 3.0 V to 3.6 V
1.8
2.7
3.9
1.6
4.1
4.3
ns


Número de pieza similar - 74AUP1G18_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP1G18GF NXP-74AUP1G18GF Datasheet
104Kb / 19P
   Low-power 1-of-2 demultiplexer with 3-state deselected output
Rev. 02-3 April 2008
74AUP1G18GM NXP-74AUP1G18GM Datasheet
104Kb / 19P
   Low-power 1-of-2 demultiplexer with 3-state deselected output
Rev. 02-3 April 2008
logo
Nexperia B.V. All right...
74AUP1G18GM NEXPERIA-74AUP1G18GM Datasheet
280Kb / 19P
   Low-power 1-of-2 demultiplexer with 3-state deselected output
Rev. 7 - 18 January 2022
74AUP1G18GN NEXPERIA-74AUP1G18GN Datasheet
280Kb / 19P
   Low-power 1-of-2 demultiplexer with 3-state deselected output
Rev. 7 - 18 January 2022
74AUP1G18GS NEXPERIA-74AUP1G18GS Datasheet
280Kb / 19P
   Low-power 1-of-2 demultiplexer with 3-state deselected output
Rev. 7 - 18 January 2022
More results

Descripción similar - 74AUP1G18_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP1G18 NXP-74AUP1G18 Datasheet
104Kb / 19P
   Low-power 1-of-2 demultiplexer with 3-state deselected output
Rev. 02-3 April 2008
logo
Nexperia B.V. All right...
74AUP1G18 NEXPERIA-74AUP1G18 Datasheet
280Kb / 19P
   Low-power 1-of-2 demultiplexer with 3-state deselected output
Rev. 7 - 18 January 2022
logo
Texas Instruments
SN74LVC1G18 TI-SN74LVC1G18 Datasheet
332Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
SN74LVC1G18 TI-SN74LVC1G18_07 Datasheet
497Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
SN74LVC1G18 TI1-SN74LVC1G18_15 Datasheet
1Mb / 23P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
logo
NXP Semiconductors
74LVC1G18 PHILIPS-74LVC1G18 Datasheet
77Kb / 14P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
2003 Jul 25
74LVC1G18 PHILIPS-74LVC1G18_15 Datasheet
83Kb / 13P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 02-30 August 2007
logo
Unisonic Technologies
U74LVC1G18 UTC-U74LVC1G18 Datasheet
230Kb / 7P
   1-OF-2 NON-INVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
logo
NXP Semiconductors
74LVC1G18 NXP-74LVC1G18 Datasheet
76Kb / 13P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 02-30 August 2007
logo
Nexperia B.V. All right...
74LVC1G18-Q100 NEXPERIA-74LVC1G18-Q100 Datasheet
782Kb / 14P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com