Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP1G240 Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza 74AUP1G240
Descripción Electrónicos  Low-power inverting buffer/line driver; 3-state
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G240 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74AUP1G240_15 Datasheet HTML 6Page - NXP Semiconductors 74AUP1G240_15 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G240_15 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G240_15 Datasheet HTML 9Page - NXP Semiconductors 74AUP1G240_15 Datasheet HTML 10Page - NXP Semiconductors 74AUP1G240_15 Datasheet HTML 11Page - NXP Semiconductors 74AUP1G240_15 Datasheet HTML 12Page - NXP Semiconductors 74AUP1G240_15 Datasheet HTML 13Page - NXP Semiconductors 74AUP1G240_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
74AUP1G240
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 29 June 2012
10 of 23
NXP Semiconductors
74AUP1G240
Low-power inverting buffer/line driver; 3-state
tdis
disable time
OE to Y; see Figure 9
[4]
VCC = 0.8 V
-
62.5
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
4.3
6.6
10.4
3.6
11.6
12.8
ns
VCC = 1.4 V to 1.6 V
3.0
5.0
7.4
2.5
8.4
9.3
ns
VCC = 1.65 V to 1.95 V
3.0
5.3
7.8
2.1
8.7
9.7
ns
VCC = 2.3 V to 2.7 V
2.1
3.8
5.7
2.0
6.4
7.1
ns
VCC = 3.0 V to 3.6 V
2.9
5.0
7.4
1.9
8.3
9.1
ns
CL = 30 pF
tpd
propagation delay
A to Y; see Figure 8
[2]
VCC = 0.8 V
-
39.1
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
5.0
9.7
21.6
4.6
24.3
26.8
ns
VCC = 1.4 V to 1.6 V
4.0
6.7
12.3
3.0
14.6
16.1
ns
VCC = 1.65 V to 1.95 V
2.9
5.5
9.5
2.7
11.5
12.6
ns
VCC = 2.3 V to 2.7 V
2.7
4.6
7.1
2.5
8.6
9.5
ns
VCC = 3.0 V to 3.6 V
2.6
4.3
6.4
2.5
7.7
8.5
ns
ten
enable time
OE to Y; see Figure 9
[3]
VCC = 0.8 V
-
89.4
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
5.2
10.6
23.8
4.6
26.7
29.5
ns
VCC = 1.4 V to 1.6 V
4.0
7.3
13.2
3.0
15.7
17.4
ns
VCC = 1.65 V to 1.95 V
3.0
6.0
10.2
2.7
12.3
13.6
ns
VCC = 2.3 V to 2.7 V
2.8
5.0
7.8
2.6
9.3
10.3
ns
VCC = 3.0 V to 3.6 V
2.8
4.8
7.1
2.6
8.4
9.3
ns
tdis
disable time
OE to Y; see Figure 9
[4]
VCC = 0.8 V
-
68.9
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
6.0
9.3
15.0
4.6
16.5
18.2
ns
VCC = 1.4 V to 1.6 V
4.4
7.7
11.0
3.0
12.2
13.4
ns
VCC = 1.65 V to 1.95 V
5.1
8.8
12.4
2.7
13.7
15.1
ns
VCC = 2.3 V to 2.7 V
3.6
6.2
9.0
2.6
10.0
11.0
ns
VCC = 3.0 V to 3.6 V
5.2
8.8
12.7
2.6
14.0
15.4
ns
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 10
Symbol Parameter
Conditions
25
C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
(85
C)
Max
(125
C)


Número de pieza similar - 74AUP1G240_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74AUP1G240DBVRE4 TI-74AUP1G240DBVRE4 Datasheet
838Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
74AUP1G240DBVRG4 TI-74AUP1G240DBVRG4 Datasheet
838Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
74AUP1G240DBVTE4 TI-74AUP1G240DBVTE4 Datasheet
838Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
74AUP1G240DBVTG4 TI-74AUP1G240DBVTG4 Datasheet
838Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
74AUP1G240DCKRE4 TI-74AUP1G240DCKRE4 Datasheet
838Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
More results

Descripción similar - 74AUP1G240_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP1G240 PHILIPS-74AUP1G240 Datasheet
99Kb / 19P
   Low-power inverting buffer/line driver; 3-state
Rev. 01-6 November 2006
74AUP1G240 NXP-74AUP1G240 Datasheet
107Kb / 19P
   Low-power inverting buffer/line driver; 3-state
Rev. 01-6 November 2006
logo
Nexperia B.V. All right...
74AUP1G240 NEXPERIA-74AUP1G240 Datasheet
296Kb / 20P
   Low-power inverting buffer/line driver; 3-state
Rev. 7 - 20 January 2022
logo
NXP Semiconductors
74AUP2G240 PHILIPS-74AUP2G240_15 Datasheet
298Kb / 25P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 8-24 January 2013
74AUP2G240 NXP-74AUP2G240 Datasheet
116Kb / 20P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 04-30 June 2009
logo
Nexperia B.V. All right...
74AUP2G240 NEXPERIA-74AUP2G240 Datasheet
285Kb / 19P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 10 - 1 December 2020
logo
NXP Semiconductors
74AHC240 NXP-74AHC240 Datasheet
478Kb / 16P
   Octal buffer/line driver; inverting; 3-state
Rev. 2-26 November 2010
logo
Nexperia B.V. All right...
74AHCT240-Q100 NEXPERIA-74AHCT240-Q100 Datasheet
805Kb / 15P
   Octal buffer/line driver; inverting 3-state
logo
NXP Semiconductors
74HC_HCT366 PHILIPS-74HC_HCT366_15 Datasheet
150Kb / 21P
   Hex buffer/line driver; 3-state; inverting
Rev. 4-4 September 2012
logo
Nexperia B.V. All right...
74HC540 NEXPERIA-74HC540 Datasheet
268Kb / 15P
   Octal buffer/line driver; 3-state; inverting
Rev. 6 - 19 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com