Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP1T34 Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza 74AUP1T34
Descripción Electrónicos  Low-power dual supply translating buffer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1T34 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74AUP1T34_15 Datasheet HTML 5Page - NXP Semiconductors 74AUP1T34_15 Datasheet HTML 6Page - NXP Semiconductors 74AUP1T34_15 Datasheet HTML 7Page - NXP Semiconductors 74AUP1T34_15 Datasheet HTML 8Page - NXP Semiconductors 74AUP1T34_15 Datasheet HTML 9Page - NXP Semiconductors 74AUP1T34_15 Datasheet HTML 10Page - NXP Semiconductors 74AUP1T34_15 Datasheet HTML 11Page - NXP Semiconductors 74AUP1T34_15 Datasheet HTML 12Page - NXP Semiconductors 74AUP1T34_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
74AUP1T34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 5 — 4 September 2013
9 of 24
NXP Semiconductors
74AUP1T34
Low-power dual supply translating buffer
11. Dynamic characteristics
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9.
Symbol Parameter
Conditions
25
C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
(85
C)
Max
(125
C)
CL = 5 pF; VCC(A) = 1.1 V to 1.3 V
tpd
propagation delay
A to Y; see Figure 8
[2]
VCC(Y) = 1.1 V to 1.3 V
2.6
9.8
25.4
2.3
25.9
25.9
ns
VCC(Y) = 1.4 V to 1.6 V
2.4
7.1
15.3
2.2
16.3
16.7
ns
VCC(Y) = 1.65 V to 1.95 V
2.1
6.0
12.7
1.9
13.8
14.3
ns
VCC(Y) = 2.3 V to 2.7 V
2.0
5.1
9.8
2.0
10.5
10.9
ns
VCC(Y) = 3.0 V to 3.6 V
2.1
4.7
8.8
1.9
9.1
9.3
ns
CL = 5 pF; VCC(A) = 1.4 V to 1.6 V
tpd
propagation delay
A to Y; see Figure 8
[2]
VCC(Y) = 1.1 V to 1.3 V
2.3
9.1
23.9
2.0
24.5
24.5
ns
VCC(Y) = 1.4 V to 1.6 V
2.1
6.4
13.6
1.9
14.7
15.2
ns
VCC(Y) = 1.65 V to 1.95 V
1.8
5.3
10.9
1.6
12.1
12.6
ns
VCC(Y) = 2.3 V to 2.7 V
1.7
4.3
7.8
1.6
8.7
9.2
ns
VCC(Y) = 3.0 V to 3.6 V
1.8
3.9
6.6
1.6
7.1
7.5
ns
CL = 5 pF; VCC(A) = 1.65 V to 1.95 V
tpd
propagation delay
A to Y; see Figure 8
[2]
VCC(Y) = 1.1 V to 1.3 V
2.2
8.8
23.2
1.9
23.9
24.0
ns
VCC(Y) = 1.4 V to 1.6 V
2.0
6.0
13.0
1.8
14.1
14.6
ns
VCC(Y) = 1.65 V to 1.95 V
1.8
4.9
10.3
1.5
11.4
12.0
ns
VCC(Y) = 2.3 V to 2.7 V
1.6
3.9
7.2
1.5
8.0
8.5
ns
VCC(Y) = 3.0 V to 3.6 V
1.7
3.5
5.9
1.5
6.4
6.8
ns
CL = 5 pF; VCC(A) = 2.3 V to 2.7 V
tpd
propagation delay
A to Y; see Figure 8
[2]
VCC(Y) = 1.1 V to 1.3 V
2.2
8.4
22.8
1.9
23.4
23.4
ns
VCC(Y) = 1.4 V to 1.6 V
1.9
5.7
12.3
1.8
13.4
14.0
ns
VCC(Y) = 1.65 V to 1.95 V
1.7
4.6
9.6
1.5
10.7
11.2
ns
VCC(Y) = 2.3 V to 2.7 V
1.5
3.5
6.3
1.5
7.2
7.7
ns
VCC(Y) = 3.0 V to 3.6 V
1.6
3.1
5.1
1.4
5.6
6.0
ns
CL = 5 pF; VCC(A) = 3.0 V to 3.6 V
tpd
propagation delay
A to Y; see Figure 8
[2]
VCC(Y) = 1.1 V to 1.3 V
2.2
8.1
22.5
1.9
22.9
22.9
ns
VCC(Y) = 1.4 V to 1.6 V
1.9
5.4
12.0
1.8
12.9
13.4
ns
VCC(Y) = 1.65 V to 1.95 V
1.7
4.3
9.2
1.5
10.2
10.7
ns
VCC(Y) = 2.3 V to 2.7 V
1.5
3.3
6.0
1.5
6.7
7.2
ns
VCC(Y) = 3.0 V to 3.6 V
1.6
2.9
4.8
1.4
5.2
5.5
ns


Número de pieza similar - 74AUP1T34_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AUP1T34-Q100 NEXPERIA-74AUP1T34-Q100 Datasheet
262Kb / 17P
   Low-power dual supply translating buffer
logo
NXP Semiconductors
74AUP1T34GF NXP-74AUP1T34GF Datasheet
107Kb / 19P
   Low-power dual supply translating buffer
Rev. 01-4 December 2006
74AUP1T34GM NXP-74AUP1T34GM Datasheet
107Kb / 19P
   Low-power dual supply translating buffer
Rev. 01-4 December 2006
logo
Nexperia B.V. All right...
74AUP1T34GM NEXPERIA-74AUP1T34GM Datasheet
317Kb / 22P
   Low-power dual supply translating buffer
Rev. 8 - 25 January 2022
74AUP1T34GM-Q100 NEXPERIA-74AUP1T34GM-Q100 Datasheet
262Kb / 17P
   Low-power dual supply translating buffer
More results

Descripción similar - 74AUP1T34_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AUP1T34 NEXPERIA-74AUP1T34 Datasheet
317Kb / 22P
   Low-power dual supply translating buffer
Rev. 8 - 25 January 2022
logo
NXP Semiconductors
74AUP1T34 NXP-74AUP1T34 Datasheet
107Kb / 19P
   Low-power dual supply translating buffer
Rev. 01-4 December 2006
logo
Nexperia B.V. All right...
74AUP1T34-Q100 NEXPERIA-74AUP1T34-Q100 Datasheet
262Kb / 17P
   Low-power dual supply translating buffer
74AXP1T34 NEXPERIA-74AXP1T34 Datasheet
846Kb / 21P
   Dual supply translating buffer
74LV1T34-Q100 NEXPERIA-74LV1T34-Q100 Datasheet
212Kb / 11P
   Single supply translating buffer
Rev. 3 - 10 February 2022
74LV1T34 NEXPERIA-74LV1T34 Datasheet
227Kb / 12P
   Single supply translating buffer
Rev. 3 - 10 February 2022
logo
NXP Semiconductors
74AUP1T45 NXP-74AUP1T45 Datasheet
177Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 02-3 August 2009
74AUP1T45 PHILIPS-74AUP1T45 Datasheet
166Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 01-18 October 2006
74AUP1T45 PHILIPS-74AUP1T45_15 Datasheet
284Kb / 36P
   Low-power dual supply translating transceiver; 3-state
Rev. 5-9 August 2012
logo
Nexperia B.V. All right...
74AUP1T45 NEXPERIA-74AUP1T45 Datasheet
435Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 7 - 26 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com