Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP2G34 Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza 74AUP2G34
Descripción Electrónicos  Low-power dual buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP2G34 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74AUP2G34_15 Datasheet HTML 6Page - NXP Semiconductors 74AUP2G34_15 Datasheet HTML 7Page - NXP Semiconductors 74AUP2G34_15 Datasheet HTML 8Page - NXP Semiconductors 74AUP2G34_15 Datasheet HTML 9Page - NXP Semiconductors 74AUP2G34_15 Datasheet HTML 10Page - NXP Semiconductors 74AUP2G34_15 Datasheet HTML 11Page - NXP Semiconductors 74AUP2G34_15 Datasheet HTML 12Page - NXP Semiconductors 74AUP2G34_15 Datasheet HTML 13Page - NXP Semiconductors 74AUP2G34_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
74AUP2G34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 5 — 10 January 2013
10 of 19
NXP Semiconductors
74AUP2G34
Low-power dual buffer
[1]
For measuring enable and disable times RL = 5 k, for measuring propagation delays, setup and hold times and pulse width RL = 1 M.
Test data is given in Table 10.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 8.
Test circuit for measuring switching times
001aac521
DUT
RT
VI
VO
VEXT
VCC
RL
5 k
Ω
CL
G
Table 10.
Test data
Supply voltage
Load
VEXT
VCC
CL
RL[1]
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
0.8 V to 3.6 V
5 pF, 10 pF, 15 pF and 30 pF
5 k
 or 1 M
open
GND
2
 V
CC


Número de pieza similar - 74AUP2G34_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP2G3404 NXP-74AUP2G3404 Datasheet
330Kb / 19P
   Low-power buffer and inverter
Rev. 1-22 August 2012
logo
Diodes Incorporated
74AUP2G3404 DIODES-74AUP2G3404 Datasheet
399Kb / 12P
   BUFFER AND INVERTER
logo
Nexperia B.V. All right...
74AUP2G3404 NEXPERIA-74AUP2G3404 Datasheet
250Kb / 16P
   Low-power buffer and inverter
Rev. 3 - 31 January 2022
logo
Diodes Incorporated
74AUP2G3404FW3 DIODES-74AUP2G3404FW3 Datasheet
399Kb / 12P
   BUFFER AND INVERTER
74AUP2G3404FW3-7 DIODES-74AUP2G3404FW3-7 Datasheet
399Kb / 12P
   BUFFER AND INVERTER
More results

Descripción similar - 74AUP2G34_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AUP2G16 NEXPERIA-74AUP2G16 Datasheet
765Kb / 17P
   Low-power dual buffer
logo
NXP Semiconductors
74AUP2G34 NXP-74AUP2G34 Datasheet
91Kb / 16P
   Low-power dual buffer
Rev. 02-31 January 2008
logo
Nexperia B.V. All right...
74AUP2G34 NEXPERIA-74AUP2G34 Datasheet
265Kb / 18P
   Low-power dual buffer
Rev. 8 - 31 January 2022
74AXP2G34 NEXPERIA-74AXP2G34 Datasheet
817Kb / 16P
   Low-power dual buffer
logo
Texas Instruments
SN74AUP2G07 TI1-SN74AUP2G07_16 Datasheet
1Mb / 26P
[Old version datasheet]   Low-Power Dual Buffer/Driver
SN74AUP2G34 TI1-SN74AUP2G34 Datasheet
907Kb / 19P
[Old version datasheet]   LOW-POWER DUAL BUFFER GATE
SN74AUP2G17 TI1-SN74AUP2G17_15 Datasheet
1Mb / 21P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER BUFFER
logo
Nexperia B.V. All right...
74AUP1T34 NEXPERIA-74AUP1T34 Datasheet
317Kb / 22P
   Low-power dual supply translating buffer
Rev. 8 - 25 January 2022
logo
NXP Semiconductors
74AUP1T34 PHILIPS-74AUP1T34_15 Datasheet
391Kb / 24P
   Low-power dual supply translating buffer
Rev. 5-4 September 2013
74AUP2G126 PHILIPS-74AUP2G126 Datasheet
102Kb / 19P
   Low-power dual buffer/line driver
Rev. 01-9 October 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com