Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAX2322EUP Datasheet(PDF) 11 Page - Maxim Integrated Products

No. de pieza MAX2322EUP
Descripción Electrónicos  Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2322EUP Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX2322EUP Datasheet HTML 7Page - Maxim Integrated Products MAX2322EUP Datasheet HTML 8Page - Maxim Integrated Products MAX2322EUP Datasheet HTML 9Page - Maxim Integrated Products MAX2322EUP Datasheet HTML 10Page - Maxim Integrated Products MAX2322EUP Datasheet HTML 11Page - Maxim Integrated Products MAX2322EUP Datasheet HTML 12Page - Maxim Integrated Products MAX2322EUP Datasheet HTML 13Page - Maxim Integrated Products MAX2322EUP Datasheet HTML 14Page - Maxim Integrated Products MAX2322EUP Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Adjustable, High-Linearity,
SiGe Dual-Band LNA/Mixer ICs
______________________________________________________________________________________
11
Typical Operating Characteristics (continued)
(MAX232_ EV kit, VCC = +2.75V, fLNAINH = fMIXINH = 1960MHz, fLNAINL = fMIXINL = 881MHz, fLOHIN = 1750MHz, fLOLIN = 1091MHz
(digital modes), fLOLIN = 991MHz (FM mode), LO input power = -7dBm, 50
Ω system, all measurements include matching component
losses but not connector and trace losses, TA = +25°C, unless otherwise noted.)
-5
-2
-3
-4
-1
0
1
2
3
4
5
-35
-30
-25
-20
-10
-15
CELLULAR-BAND MIXER IIP3
vs. RF INPUT LEVEL
RF INPUT LEVEL PER TONE (dBm)
LOW SIDE LO, HGHL
HIGH SIDE LO, HGLL
HIGH SIDE LO, HGHL
HIGH SIDE LO, LGHL
LOW SIDE LO, LGHL
LOW SIDE LO, HGLL
0
2
1
4
3
5
6
-18
-6
-2
-14
-10
2
6
10
CELLULAR-BAND MIXER IIP3
vs. LO INPUT LEVEL
LO INPUT LEVEL (dBm)
HIGH SIDE LO, FM
LOW SIDE LO, FM
HIGH SIDE LO, HGHL AND LGHL
LOW SIDE LO,
HGHL AND LGHL
HIGH SIDE LO, HGLL
LOW SIDE LO, HGLL
-4
0
-2
4
2
8
6
10
611
16
PCS-BAND HGHL MIXER IIP3
vs. CURRENT
MIXER CURRENT (mA)
TA = +25
°C,
HIGH SIDE LO
TA = +85
°C, HIGH SIDE LO
TA = -40
°C, HIGH SIDE LO
TA = -40
°C, LOW SIDE LO
TA = +25
°C, LOW SIDE LO
TA = +85
°C, LOW SIDE LO
0
4
2
10
8
6
14
12
16
-17
-7
-12
-2
3
CELLULAR-BAND FM MIXER
NOISE FIGURE vs. LO INPUT LEVEL
LO INPUT LEVEL (dBm)
LO SIDE LO
HIGH SIDE LO
-4
0
-2
4
2
6
8
611
16
PCS-BAND HGHL MIXER IIP3
vs. CURRENT
MIXER CURRENT (mA)
HIGH SIDE LO, 3V
LOW SIDE LO, 3V
HIGH SIDE LO, 3.6V
LOW SIDE LO, 3.6V
HIGH SIDE LO, 2.7V
LOW SIDE LO, 2.7V
-4
-2
-3
-1
0
1
2
3
4
5
6
7
8
-35
-30
-25
-20
-15
-10
PCS-BAND MIXER IIP3
vs. RF INPUT LEVEL
RF INPUT LEVEL PER TONE (dBm)
HIGH SIDE LO, HGHL, HIGH SIDE LO, LGHL
LOW SIDE LO, LGHL
LOW SIDE LO, HGHL
HIGH SIDE LO, HGLL
LOW SIDE LO, HGLL
0
2
1
4
3
7
6
5
8
-18
-10
-14
-6
-2
2
6
10
PCS-BAND MIXER IIP3
vs. LO INPUT LEVEL
LO INPUT LEVEL (dBm)
LOW SIDE LO, HGHL
LOW SIDE LO, LGHL
LOW SIDE LO, HGLL
HIGH SIDE LO, LGHL
HIGH SIDE LO, HGHL
HIGH SIDE LO, HGLL
0
4
2
8
6
12
10
14
-17
-7
-2
-12
3
CELLULAR-BAND HGHL MIXER NOISE
FIGURE vs. LO INPUT LEVEL
LO INPUT LEVEL (dBm)
HIGH SIDE LO
LOW SIDE LO
0
4
2
8
6
12
10
14
-17
-7
-2
-12
3
CELLULAR-BAND HGLL MIXER NOISE
FIGURE vs. LO INPUT LEVEL
LO INPUT LEVEL (dBm)
HIGH SIDE LO
LOW SIDE LO


Número de pieza similar - MAX2322EUP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX232 MAXIM-MAX232 Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
logo
Guangdong Youtai Semico...
MAX232 UMW-MAX232 Datasheet
1Mb / 6P
   5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
logo
Maxim Integrated Produc...
MAX232 MAXIM-MAX232 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
logo
Guangdong Youtai Semico...
MAX232 UMW-MAX232 Datasheet
929Kb / 6P
   5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
logo
Texas Instruments
MAX232 TI-MAX232 Datasheet
562Kb / 16P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
REVISED MARCH 2004
More results

Descripción similar - MAX2322EUP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BGA771L16 INFINEON-BGA771L16 Datasheet
942Kb / 33P
   High Linearity Dual-Band UMTS LNA
V3.0, August 2008
logo
TriQuint Semiconductor
TGA2613-SM TRIQUINT-TGA2613-SM_15 Datasheet
506Kb / 12P
   S-Band High Linearity LNA
logo
Maxim Integrated Produc...
MAX19757 MAXIM-MAX19757 Datasheet
4Mb / 34P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer
Rev 0; 12/12
MAX9981 MAXIM-MAX9981 Datasheet
409Kb / 15P
   825MHz to 915MHz, Dual SiGe High-Linearity Active Mixer
logo
RF Micro Devices
RF2488 RFMD-RF2488 Datasheet
483Kb / 22P
   MULTI-MODE DUAL-BAND LNA MIXER
logo
Maxim Integrated Produc...
MAX9982 MAXIM-MAX9982 Datasheet
395Kb / 12P
   825MHz to 915MHz, SiGe High-Linearity Active Mixer
Rev 1; 9/02
logo
WJ Communication. Inc.
MH205A WJCI-MH205A Datasheet
139Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH205A WJCI-MH205A_07 Datasheet
192Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH203A WJCI-MH203A Datasheet
191Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH205-RFID WJCI-MH205-RFID Datasheet
144Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com