Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AVC16373 Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza 74AVC16373
Descripción Electrónicos  16-bit D-type transparent latch; 3.6 V tolerant; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVC16373 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74AVC16373_15 Datasheet HTML 5Page - NXP Semiconductors 74AVC16373_15 Datasheet HTML 6Page - NXP Semiconductors 74AVC16373_15 Datasheet HTML 7Page - NXP Semiconductors 74AVC16373_15 Datasheet HTML 8Page - NXP Semiconductors 74AVC16373_15 Datasheet HTML 9Page - NXP Semiconductors 74AVC16373_15 Datasheet HTML 10Page - NXP Semiconductors 74AVC16373_15 Datasheet HTML 11Page - NXP Semiconductors 74AVC16373_15 Datasheet HTML 12Page - NXP Semiconductors 74AVC16373_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
2000 Mar 09
9
Philips Semiconductors
Product Specification
16-bit D-type transparent latch; 3.6 V tolerant;
3-state
74AVC16373
AC CHARACTERISTICS
GND = 0 V; tr =tf ≤ 2.0 ns.
Note
1. All typical values are measured at Tamb =25 °C and at VCC respectively 1.2, 1.5, 1.8, 2.5 and 3.3 V.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = −40 to +85 °C
UNIT
WAVEFORMS
VCC (V)
MIN.
TYP.(1)
MAX.
tPHL/tPLH
propagation delay nDn to nQn
see Figs 7 and 11
1.2
3.6
ns
1.40 to 1.60
1.2
3.1
6.8
ns
1.65 to 1.95
1.0
2.2
5.7
ns
2.3 to 2.7
0.7
1.6
3.3
ns
3.0 to 3.6
0.7
1.4
2.8
ns
propagation delay nLE to nQn
see Figs 8 and 11
1.2
3.6
ns
1.40 to 1.60
2.5
3.1
9.4
ns
1.65 to 1.95
2.3
2.2
7.8
ns
2.3 to 2.7
1.3
1.6
4.2
ns
3.0 to 3.6
0.7
1.4
3.9
ns
tPZH/tPZL
3-state output enable time
nOE to nQn
see Figs 9 and 11
1.2
5.9
ns
1.40 to 1.60
1.6
4.2
8.8
ns
1.65 to 1.95
1.6
3.5
6.7
ns
2.3 to 2.7
1.4
2.4
4.3
ns
3.0 to 3.6
0.7
2.0
3.4
ns
tPHZ/tPLZ
3-state output disable time
nOE to nQn
see Figs 9 and 11
1.2
5.8
ns
1.40 to 1.60
2.5
4.6
9.4
ns
1.65 to 1.95
2.3
3.6
7.8
ns
2.3 to 2.7
1.3
1.9
4.2
ns
3.0 to 3.6
1.2
2.1
3.9
ns
tW
nLE pulse width HIGH
see Figs 8 and 11
1.2
2.4
ns
1.40 to 1.60
1.9
ns
1.65 to 1.95
2.2
1.7
ns
2.3 to 2.7
2.0
1.6
ns
3.0 to 3.6
1.8
1.4
ns
tsu
set-up time nDn to nLE
see Figs 10 and 11
1.2
0.4
ns
1.40 to 1.60
1.2
0.2
ns
1.65 to 1.95
1.1
0.1
ns
2.3 to 2.7
+0.9
−0.1
ns
3.0 to 3.6
+0.8
−0.1
ns
th
hold time nDn to nLE
see Figs 10 and 11
1.2
−−0.2
ns
1.40 to 1.60
+1.1
−0.1
ns
1.65 to 1.95
1.1
0.0
ns
2.3 to 2.7
1.1
0.1
ns
3.0 to 3.6
1.0
0.2
ns


Número de pieza similar - 74AVC16373_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AVC16373DGG PHILIPS-74AVC16373DGG Datasheet
87Kb / 16P
   16-bit D-type transparent latch; 3.6 V tolerant; 3-state
2000 Mar 09
logo
Nexperia B.V. All right...
74AVC16373DGG NEXPERIA-74AVC16373DGG Datasheet
215Kb / 15P
   16-bit D-type transparent latch; 3.6 V tolerant; 3-state
Rev. 3 - 20 February 2018
logo
Texas Instruments
74AVC16373DGGRG4 TI1-74AVC16373DGGRG4 Datasheet
586Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results

Descripción similar - 74AVC16373_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AVC16373 PHILIPS-74AVC16373 Datasheet
87Kb / 16P
   16-bit D-type transparent latch; 3.6 V tolerant; 3-state
2000 Mar 09
logo
Nexperia B.V. All right...
74AVC16373 NEXPERIA-74AVC16373 Datasheet
215Kb / 15P
   16-bit D-type transparent latch; 3.6 V tolerant; 3-state
Rev. 3 - 20 February 2018
74ALVT16373 NEXPERIA-74ALVT16373 Datasheet
243Kb / 14P
   16-bit transparent D-type latch; 3-state
Rev. 5 - 14 July 2021
74LVT16373A NEXPERIA-74LVT16373A Datasheet
228Kb / 13P
   3.3 V 16-bit transparent D-type latch; 3-state
Rev. 4 - 3 August 2021
logo
NXP Semiconductors
74LVCH16373A PHILIPS-74LVCH16373A Datasheet
114Kb / 17P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
2003 Dec 08
logo
Nexperia B.V. All right...
74LVC16373A NEXPERIA-74LVC16373A Datasheet
261Kb / 15P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 10 - 1 October 2021
74LVC16373A-Q100 NEXPERIA-74LVC16373A-Q100 Datasheet
252Kb / 15P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
logo
NXP Semiconductors
74LVC_LVCH16373A PHILIPS-74LVC_LVCH16373A_15 Datasheet
212Kb / 17P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 8-6 January 2014
74ALVCH16373 PHILIPS-74ALVCH16373_15 Datasheet
128Kb / 18P
   2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
Rev. 6-10 July 2012
logo
Nexperia B.V. All right...
74ALVCH16373 NEXPERIA-74ALVCH16373 Datasheet
238Kb / 14P
   2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
Rev. 8 - 22 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com