Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AXP1G06 Datasheet(PDF) 1 Page - NXP Semiconductors

No. de pieza 74AXP1G06
Descripción Electrónicos  Low-power inverter with open-drain output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AXP1G06 Datasheet(HTML) 1 Page - NXP Semiconductors

  74AXP1G06_15 Datasheet HTML 1Page - NXP Semiconductors 74AXP1G06_15 Datasheet HTML 2Page - NXP Semiconductors 74AXP1G06_15 Datasheet HTML 3Page - NXP Semiconductors 74AXP1G06_15 Datasheet HTML 4Page - NXP Semiconductors 74AXP1G06_15 Datasheet HTML 5Page - NXP Semiconductors 74AXP1G06_15 Datasheet HTML 6Page - NXP Semiconductors 74AXP1G06_15 Datasheet HTML 7Page - NXP Semiconductors 74AXP1G06_15 Datasheet HTML 8Page - NXP Semiconductors 74AXP1G06_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
General description
The 74AXP1G06 is a single inverter with open-drain output.
Schmitt-trigger action at the input makes the circuit tolerant of slower input rise and fall
times.
This device ensures very low static and dynamic power consumption across the entire
VCC range from 0.7 V to 2.75 V. It is fully specified for partial power down applications
using IOFF. The IOFF circuitry disables the output, preventing the potentially damaging
backflow current through the device when it is powered down.
2.
Features and benefits
Wide supply voltage range from 0.7 V to 2.75 V
Low input capacitance; CI = 0.5 pF (typical)
Low output capacitance; CO = 0.7 pF (typical)
Low dynamic power consumption; CPD = 1.0 pF at VCC = 1.2 V (typical)
Low static power consumption; ICC = 0.6 A (85 C maximum)
High noise immunity
Complies with JEDEC standard:
JESD8-12A.01 (1.1 V to 1.3 V)
JESD8-11A.01 (1.4 V to 1.6 V)
JESD8-7A (1.65 V to 1.95 V)
JESD8-5A.01 (2.3 V to 2.7 V)
ESD protection:
HBM ANSI/ESDA/JEDEC JS-001 Class 2 exceeds 2 kV
CDM JESD22-C101E exceeds 1000 V
Latch-up performance exceeds 100 mA per JESD 78 Class II
Input accepts voltages up to 2.75 V
Low noise overshoot and undershoot < 10 % of VCC
IOFF circuitry provides partial Power-down mode operation
Multiple package options
Specified from
40 Cto+85 C
74AXP1G06
Low-power inverter with open-drain output
Rev. 1 — 15 January 2014
Product data sheet


Número de pieza similar - 74AXP1G06_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AXP1G06GM NEXPERIA-74AXP1G06GM Datasheet
786Kb / 17P
   Low-power inverter with open-drain output
74AXP1G06GN NEXPERIA-74AXP1G06GN Datasheet
786Kb / 17P
   Low-power inverter with open-drain output
74AXP1G06GS NEXPERIA-74AXP1G06GS Datasheet
786Kb / 17P
   Low-power inverter with open-drain output
74AXP1G06GX NEXPERIA-74AXP1G06GX Datasheet
786Kb / 17P
   Low-power inverter with open-drain output
More results

Descripción similar - 74AXP1G06_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP1G06 NXP-74AUP1G06 Datasheet
92Kb / 15P
   Low-power inverter with open-drain output
Rev. 04-10 June 2009
logo
Nexperia B.V. All right...
74AUP1G06 NEXPERIA-74AUP1G06 Datasheet
263Kb / 17P
   Low-power inverter with open-drain output
Rev. 10 - 13 January 2022
logo
NXP Semiconductors
74AUP1G06 PHILIPS-74AUP1G06 Datasheet
78Kb / 15P
   Low-power inverter with open-drain output
Rev. 02-24 August 2006
logo
Nexperia B.V. All right...
74AXP1G06 NEXPERIA-74AXP1G06 Datasheet
786Kb / 17P
   Low-power inverter with open-drain output
74AUP1G06-Q100 NEXPERIA-74AUP1G06-Q100 Datasheet
684Kb / 13P
   Low-power inverter with open-drain output
logo
NXP Semiconductors
74AUP1G06 PHILIPS-74AUP1G06_15 Datasheet
343Kb / 19P
   Low-power inverter with open-drain output
Rev. 7-28 June 2012
74AUP2G06 NXP-74AUP2G06 Datasheet
125Kb / 18P
   Low-power dual inverter with open-drain output
Rev. 4-6 December 2011
74AUP2G06 PHILIPS-74AUP2G06_15 Datasheet
198Kb / 18P
   Low-power dual inverter with open-drain output
Rev. 5-29 November 2012
logo
Nexperia B.V. All right...
74AUP2G06 NEXPERIA-74AUP2G06 Datasheet
247Kb / 15P
   Low-power dual inverter with open-drain output
Rev. 8 - 31 January 2022
logo
Leshan Radio Company
MC74VHC1G05 LRC-MC74VHC1G05 Datasheet
153Kb / 4P
   Inverter with Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com