Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AXP1G14 Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza 74AXP1G14
Descripción Electrónicos  Low-power Schmitt trigger inverter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AXP1G14 Datasheet(HTML) 4 Page - NXP Semiconductors

  74AXP1G14_15 Datasheet HTML 1Page - NXP Semiconductors 74AXP1G14_15 Datasheet HTML 2Page - NXP Semiconductors 74AXP1G14_15 Datasheet HTML 3Page - NXP Semiconductors 74AXP1G14_15 Datasheet HTML 4Page - NXP Semiconductors 74AXP1G14_15 Datasheet HTML 5Page - NXP Semiconductors 74AXP1G14_15 Datasheet HTML 6Page - NXP Semiconductors 74AXP1G14_15 Datasheet HTML 7Page - NXP Semiconductors 74AXP1G14_15 Datasheet HTML 8Page - NXP Semiconductors 74AXP1G14_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
74AXP1G14
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 28 August 2014
4 of 17
NXP Semiconductors
74AXP1G14
Low-power Schmitt trigger inverter
8.
Limiting values
[1]
The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed.
9.
Recommended operating conditions
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+3.3
V
IIK
input clamping current
VI <0V
50
-
mA
VI
input voltage
[1]
0.5
+3.3
V
IOK
output clamping current
VO <0V
50
-
mA
VO
output voltage
[1]
0.5
+3.3
V
IO
output current
VO =0 VtoVCC
-
20
mA
ICC
supply current
-
50
mA
IGND
ground current
50
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 C to +85 C-
250
mW
Table 6.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.7
2.75
V
VI
input voltage
0
2.75
V
VO
output voltage
Active mode
0
VCC
V
Power-down mode; VCC = 0 V
0
2.75
V
Tamb
ambient temperature
40
+85
C


Número de pieza similar - 74AXP1G14_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AXP1G14GM NEXPERIA-74AXP1G14GM Datasheet
228Kb / 16P
   Low-power Schmitt trigger inverter
74AXP1G14GN NEXPERIA-74AXP1G14GN Datasheet
228Kb / 16P
   Low-power Schmitt trigger inverter
74AXP1G14GS NEXPERIA-74AXP1G14GS Datasheet
228Kb / 16P
   Low-power Schmitt trigger inverter
74AXP1G14GX NEXPERIA-74AXP1G14GX Datasheet
228Kb / 16P
   Low-power Schmitt trigger inverter
More results

Descripción similar - 74AXP1G14_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP1G14 NXP-74AUP1G14 Datasheet
112Kb / 19P
   Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
logo
Nexperia B.V. All right...
74AXP1G14 NEXPERIA-74AXP1G14 Datasheet
228Kb / 16P
   Low-power Schmitt trigger inverter
74AUP1G14 NEXPERIA-74AUP1G14 Datasheet
311Kb / 21P
   Low-power Schmitt trigger inverter
Rev. 10 - 14 January 2022
logo
NXP Semiconductors
74AUP1G14 PHILIPS-74AUP1G14_15 Datasheet
443Kb / 24P
   Low-power Schmitt trigger inverter
Rev. 6-28 June 2012
74AUP1G14 PHILIPS-74AUP1G14 Datasheet
101Kb / 20P
   Low-power Schmitt-trigger inverter
Rev. 01-20 July 2005
logo
Nexperia B.V. All right...
74AUP1G14-Q100 NEXPERIA-74AUP1G14-Q100 Datasheet
239Kb / 14P
   Low-power Schmitt trigger inverter
Rev. 2 - 27 January 2021
logo
NXP Semiconductors
74AUP1G14GF NXP-74AUP1G14GF Datasheet
443Kb / 24P
   Low-power Schmitt trigger inverter
Rev. 6-28 June 2012
logo
Texas Instruments
SN74AUP1G14_101 TI-SN74AUP1G14_101 Datasheet
978Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74AUP2G14 PHILIPS-74AUP2G14_15 Datasheet
217Kb / 21P
   Low-power dual Schmitt trigger inverter
Rev. 5-4 December 2012
logo
Texas Instruments
SN74AUP2G14 TI1-SN74AUP2G14 Datasheet
918Kb / 23P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com