Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AXP1G17 Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza 74AXP1G17
Descripción Electrónicos  Low-power Schmitt trigger
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AXP1G17 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74AXP1G17_15 Datasheet HTML 2Page - NXP Semiconductors 74AXP1G17_15 Datasheet HTML 3Page - NXP Semiconductors 74AXP1G17_15 Datasheet HTML 4Page - NXP Semiconductors 74AXP1G17_15 Datasheet HTML 5Page - NXP Semiconductors 74AXP1G17_15 Datasheet HTML 6Page - NXP Semiconductors 74AXP1G17_15 Datasheet HTML 7Page - NXP Semiconductors 74AXP1G17_15 Datasheet HTML 8Page - NXP Semiconductors 74AXP1G17_15 Datasheet HTML 9Page - NXP Semiconductors 74AXP1G17_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
74AXP1G17
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 6 September 2014
6 of 17
NXP Semiconductors
74AXP1G17
Low-power Schmitt trigger
10.1 Waveform transfer characteristics
11. Dynamic characteristics
Fig 6.
Transfer characteristic
Fig 7.
Definition of VT+, VT, and VH
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit, see Figure 14.
Symbol Parameter
Conditions
Tamb = 25 C
Tamb = 40 C to +85 C Unit
Min
Typ[1]
Max Min
Max
tpd
propagation delay A to Y; see Figure 8
[2][3]
VCC = 0.75 V to 0.85 V
3
11
39
2
136
ns
VCC = 1.1 V to 1.3 V
2.1
4.4
7.0
1.9
7.3
ns
VCC = 1.4 V to 1.6 V
1.8
3.3
4.7
1.6
5.0
ns
VCC = 1.65 V to 1.95 V
1.5
2.8
3.9
1.3
4.2
ns
VCC = 2.3 V to 2.7 V
1.2
2.3
3.0
1.1
3.3
ns
tt
transition time
VCC = 2.7 V; see Figure 8
[4]
--
-
1.0
-
ns
CI
input capacitance
VI = 0 V or VCC;
VCC = 0 Vto2.75V
-0.5
-
-
-
pF
CO
output
capacitance
VO = 0 V; VCC =0V
-
1.0
-
-
-
pF


Número de pieza similar - 74AXP1G17_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AXP1G17GM NEXPERIA-74AXP1G17GM Datasheet
805Kb / 17P
   Low-power Schmitt trigger
74AXP1G17GN NEXPERIA-74AXP1G17GN Datasheet
805Kb / 17P
   Low-power Schmitt trigger
74AXP1G17GS NEXPERIA-74AXP1G17GS Datasheet
805Kb / 17P
   Low-power Schmitt trigger
74AXP1G17GX NEXPERIA-74AXP1G17GX Datasheet
805Kb / 17P
   Low-power Schmitt trigger
More results

Descripción similar - 74AXP1G17_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP1G17 NXP-74AUP1G17 Datasheet
110Kb / 20P
   Low-power Schmitt trigger
Rev. 03-10 July 2009
logo
Nexperia B.V. All right...
74AXP1G17 NEXPERIA-74AXP1G17 Datasheet
805Kb / 17P
   Low-power Schmitt trigger
logo
NXP Semiconductors
74AUP1G17 PHILIPS-74AUP1G17_15 Datasheet
240Kb / 24P
   Low-power Schmitt trigger
Rev. 8-15 January 2015
logo
Nexperia B.V. All right...
74AUP1G17-Q100 NEXPERIA-74AUP1G17-Q100 Datasheet
247Kb / 17P
   Low-power Schmitt trigger
Rev. 2 - 13 January 2022
74AUP1G17 NEXPERIA-74AUP1G17 Datasheet
321Kb / 24P
   Low-power Schmitt trigger
Rev. 13 - 13 January 2022
logo
NXP Semiconductors
74AUP1G14 NXP-74AUP1G14 Datasheet
112Kb / 19P
   Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
logo
Nexperia B.V. All right...
74AXP1G14 NEXPERIA-74AXP1G14 Datasheet
228Kb / 16P
   Low-power Schmitt trigger inverter
logo
NXP Semiconductors
74AUP1G17 PHILIPS-74AUP1G17 Datasheet
96Kb / 20P
   Low-power Schmitt-trigger buffer
Rev. 01-26 July 2005
74AUP2G17 NXP-74AUP2G17 Datasheet
93Kb / 18P
   Low-power dual Schmitt trigger
Rev. 02-10 January 2008
74AUP2G17 NXP-74AUP2G17_09 Datasheet
104Kb / 18P
   Low-power dual Schmitt trigger
Rev. 03-6 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com