Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

2N6259 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

No. de Pieza. 2N6259
Descripción  Silicon NPN Power Transistors
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Página de inicio  http://www.jmnic.com
Logo 

2N6259 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Specification
www.jmnic.com
JMnic
Silicon NPN Power Transistors
2N6259
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=0.1A ;IB=0
150
V
VCEsat-1
Collector-emitter saturation voltge
IC=8A ;IB=0.8A
1.5
V
VCEsat-2
Collector-emitter saturation voltge
IC=16A ;IB=3.2A
2.5
V
VBE
Base-emitter on voltage
IC=8A ; VCE=2V
2.0
V
ICEO
Collector cut-off current
VCE=130V; IB=0
10
mA
ICEX
Collector cut-off current
VCE=150V; VBE(off)=1.5V
2.0
mA
ICBO
Emitter cut-off current
VCB=150V; IE=0
2.0
mA
IEBO
Emitter cut-off current
VEB=7V; IC=0
5.0
mA
hFE-1
DC current gain
IC=8A ; VCE=2V
15
60
hFE-2
DC current gain
IC=16A ; VCE=4V
10


Html Pages

1  2  3 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn