Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC_HCT573 Datasheet(PDF) 1 Page - NXP Semiconductors

No. de pieza 74HC_HCT573
Descripción Electrónicos  Octal D-type transparent latch; 3-state
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT573 Datasheet(HTML) 1 Page - NXP Semiconductors

  74HC_HCT573_15 Datasheet HTML 1Page - NXP Semiconductors 74HC_HCT573_15 Datasheet HTML 2Page - NXP Semiconductors 74HC_HCT573_15 Datasheet HTML 3Page - NXP Semiconductors 74HC_HCT573_15 Datasheet HTML 4Page - NXP Semiconductors 74HC_HCT573_15 Datasheet HTML 5Page - NXP Semiconductors 74HC_HCT573_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT573_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT573_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT573_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1.
General description
The 74HC573; 74HCT573 is a high-speed Si-gate CMOS device and is pin compatible
with Low-power Schottky TTL (LSTTL). It is specified in compliance with JEDEC standard
no. 7A.
The 74HC573; 74HCT573 has octal D-type transparent latches featuring separate D-type
inputs for each latch and 3-state true outputs for bus-oriented applications. A latch enable
(LE) input and an output enable (OE) input are common to all latches.
When LE is HIGH, data at the Dn inputs enter the latches. In this condition, the latches are
transparent, i.e. a latch output changes state each time its corresponding D input
changes.
When LE is LOW the latches store the information that was present at the D-inputs a
set-up time preceding the HIGH-to-LOW transition of LE. When OE is LOW, the contents
of the 8 latches are available at the outputs. When OE is HIGH, the outputs go to the
high-impedance OFF-state. Operation of the OE input does not affect the state of the
latches.
The 74HC573; 74HCT573 is functionally identical to:
74HC563; 74HCT563, but inverted outputs
74HC373; 74HCT373, but different pin arrangement
2.
Features and benefits
Input levels:
For 74HC573: CMOS level
For 74HCT573: TTL level
Inputs and outputs on opposite sides of package allowing easy interface with
microprocessors
Useful as input or output port for microprocessors and microcomputers
3-state non-inverting outputs for bus-oriented applications
Common 3-state output enable input
Multiple package options
ESD protection:
HBM JESD22-A114F exceeds 2 000 V
MM JESD22-A115-A exceeds 200 V
Specified from
40 Cto+85 C and from 40 Cto+125 C
74HC573; 74HCT573
Octal D-type transparent latch; 3-state
Rev. 6 — 26 January 2015
Product data sheet


Número de pieza similar - 74HC_HCT573_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74HC-HCT594-Q100 NEXPERIA-74HC-HCT594-Q100 Datasheet
329Kb / 22P
   8-bit shift register with output register
Rev. 4 - 27 September 2022
logo
NXP Semiconductors
74HC/HCT541 NXP-74HC/HCT541 Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
74HC_HCT595 PHILIPS-74HC_HCT595_15 Datasheet
256Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 7-26 January 2015
74HC_HCT597 PHILIPS-74HC_HCT597_15 Datasheet
218Kb / 23P
   8-bit shift register with input flip-flops
Rev. 3-15 April 2014
More results

Descripción similar - 74HC_HCT573_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com