Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAX361 Datasheet(PDF) 5 Page - Maxim Integrated Products

No. de pieza MAX361
Descripción Electrónicos  Precision, Quad, SPST Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX361 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX361 Datasheet HTML 1Page - Maxim Integrated Products MAX361 Datasheet HTML 2Page - Maxim Integrated Products MAX361 Datasheet HTML 3Page - Maxim Integrated Products MAX361 Datasheet HTML 4Page - Maxim Integrated Products MAX361 Datasheet HTML 5Page - Maxim Integrated Products MAX361 Datasheet HTML 6Page - Maxim Integrated Products MAX361 Datasheet HTML 7Page - Maxim Integrated Products MAX361 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Precision, Quad, SPST Analog Switches
_______________________________________________________________________________________
5
ON LEAKAGE CURRENTS
-2
-1
0
1
2
3
4
-15
0
15
VNC, VNO ,VCOM (V)
TA = +125°C
TA = +85°C
V+ = 15V
V- = -15V
OFF LEAKAGE CURRENTS
-1
0
2
1
-15
0
15
VNC, VNO, VCOM (V)
TA = +85°C
TA = +125°C
V+ = 15V
V- = -15V
SWITCHING THRESHOLD vs.
BIPOLAR SUPPLY VOLTAGE
0
0.5
1.5
2.0
2.5
3.0
3.5
±5
±10
±15
±20
BIPOLAR SUPPLY VOLTAGE (V)
MAX
MIN
ON RESISTANCE vs. VCOM AND
UNIPOLAR SUPPLY VOLTAGE
0
25
50
75
100
125
150
175
200
225
250
0
5
10
15
20
VCOM (V)
V+ = 10V
V+ = 15V
V+ = 20V
ON RESISTANCE vs. VCOM AND UNIPOLAR
SUPPLY VOLTAGE AND TEMPERATURE
0
25
50
75
100
125
150
04
8
12
VCOM (V)
TA = +125°C
TA = +25°C
TA = -55°C
V+ = 12V
V- = 0V
ON RESISTANCE vs. VCOM AND
BIPOLAR SUPPLY VOLTAGE
30
60
90
120
150
180
-20
-10
0
+10
+20
VCOM (V)
±5V
±10V
±15V
±20V
0
ON RESISTANCE vs. VCOM AND
BIPOLAR VOLTAGE AND TEMPERATURE
0
20
40
60
80
100
120
-14
-7
0
7
14
VCOM (V)
TA = +125°C
TA = -55°C
TA = +25°C
V+ = 15V, V- = -15V
SWITCHING TIME vs. BIPOLAR
SUPPLY VOLTAGE
0
40
80
120
160
200
240
±5
±10
±15
±20
BIPOLAR SUPPLY VOLTAGE (V)
t ON
t OFF
SWITCHING TIMES vs. UNIPOLAR
SUPPLY VOLTAGE
0
50
100
150
200
250
300
350
10
15
20
24
UNIPOLAR SUPPLY VOLTAGE (V)
V- = 0V
t ON
t OFF
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)


Número de pieza similar - MAX361

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361 Datasheet
185Kb / 10P
   Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
MAX3610 MAXIM-MAX3610 Datasheet
690Kb / 8P
   Low-Jitter 106.25MHz/212.5MHz Fibre-Channel Clock Generator
Rev 0; 5/04
MAX3610AD MAXIM-MAX3610AD Datasheet
690Kb / 8P
   Low-Jitter 106.25MHz/212.5MHz Fibre-Channel Clock Generator
Rev 0; 5/04
MAX3610AU MAXIM-MAX3610AU Datasheet
690Kb / 8P
   Low-Jitter 106.25MHz/212.5MHz Fibre-Channel Clock Generator
Rev 0; 5/04
MAX3610BD MAXIM-MAX3610BD Datasheet
690Kb / 8P
   Low-Jitter 106.25MHz/212.5MHz Fibre-Channel Clock Generator
Rev 0; 5/04
More results

Descripción similar - MAX361

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
   Precision, Quad, SPST Analog Switches
Rev 2; 6/04
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
PS391 PERICOM-PS391 Datasheet
270Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX351 MAXIM-MAX351_V01 Datasheet
457Kb / 13P
   Precision, Quad, SPST Analog Switches
19-0212; Rev 2; 9/01
MAX364 MAXIM-MAX364_01 Datasheet
334Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 9/01
logo
Pericom Semiconductor C...
PS391ESEE PERICOM-PS391ESEE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361_V01 Datasheet
185Kb / 10P
   Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
MAX351 MAXIM-MAX351 Datasheet
101Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 4/94
MAX364 MAXIM-MAX364 Datasheet
89Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
MAX391 MAXIM-MAX391 Datasheet
739Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 6/99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com