Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7N1405 Datasheet(PDF) 1 Page - International Rectifier

No. de pieza IRF7N1405
Descripción Electrónicos  Avalanche Energy Ratings
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7N1405 Datasheet(HTML) 1 Page - International Rectifier

  IRF7N1405_15 Datasheet HTML 1Page - International Rectifier IRF7N1405_15 Datasheet HTML 2Page - International Rectifier IRF7N1405_15 Datasheet HTML 3Page - International Rectifier IRF7N1405_15 Datasheet HTML 4Page - International Rectifier IRF7N1405_15 Datasheet HTML 5Page - International Rectifier IRF7N1405_15 Datasheet HTML 6Page - International Rectifier IRF7N1405_15 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
03/16/07
www.irf.com
1
For footnotes refer to the last page
Seventh Generation HEXFET® power MOSFETs from
International Rectifier utilize advanced processing
techniques to achieve the lowest possible on-resistance
per silicon unit area. This benefit, combined with the
fast switching speed and ruggedized device design
that HEXFET power MOSFETs are well known for,
provides the designer with an extremely efficient device
for use in a wide variety of applications.
These devices are well-suited for applications such
as switching power supplies, motor controls, inverters,
choppers, audio amplifiers and high-energy pulse
circuits.
Features:
n Low RDS(on)
n Avalanche Energy Ratings
n Dynamic dv/dt Rating
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Light Weight
SMD-1
* Current is limited by package
n Surface Mount
PD - 94643A
IRF7N1405
55V, N-CHANNEL
HEXFET® POWER MOSFET
SURFACE MOUNT (SMD-1)
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRF7N1405
55V
0.0053
Ω 55A*
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 10V, TC = 25°C
Continuous Drain Current
55*
ID @ VGS = 10V, TC = 100°C Continuous Drain Current
55*
IDM
Pulsed Drain Current
À
220
PD @ TC = 25°C
Max. Power Dissipation
100
W
Linear Derating Factor
0.8
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
Á
245
mJ
IAR
Avalanche Current
À
55
A
EAR
Repetitive Avalanche Energy
À
10
mJ
dv/dt
Peak Diode Recovery dv/dt
Â
1.8
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Package Mounting Surface Temp.
300 (for 5s)
Weight
2.6 (Typical)
g
oC
A


Número de pieza similar - IRF7N1405_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7N1405 IRF-IRF7N1405_07 Datasheet
196Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-1)
More results

Descripción similar - IRF7N1405_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF5EA1310 IRF-IRF5EA1310_15 Datasheet
244Kb / 7P
   Avalanche Energy Ratings
IRF5M5210 IRF-IRF5M5210_15 Datasheet
115Kb / 7P
   Avalanche Energy Ratings
IRF5N4905 IRF-IRF5N4905_15 Datasheet
121Kb / 7P
   Avalanche Energy Ratings
IRF5NJ3315 IRF-IRF5NJ3315_15 Datasheet
176Kb / 7P
   Avalanche Energy Ratings
IRF5Y3315CM IRF-IRF5Y3315CM_15 Datasheet
108Kb / 7P
   Avalanche Energy Ratings
IRF5Y3710CM IRF-IRF5Y3710CM_15 Datasheet
107Kb / 7P
   Avalanche Energy Ratings
IRF7Y1405CM IRF-IRF7Y1405CM_15 Datasheet
100Kb / 7P
   Avalanche Energy Ratings
IRF7YSZ44VCM IRF-IRF7YSZ44VCM_15 Datasheet
117Kb / 7P
   Avalanche Energy Ratings
IRF5M3415 IRF-IRF5M3415_15 Datasheet
115Kb / 7P
   Avalanche Energy Ratings
IRF5Y5305CM IRF-IRF5Y5305CM_15 Datasheet
110Kb / 7P
   Avalanche Energy Ratings
IRF7E3704 IRF-IRF7E3704_15 Datasheet
132Kb / 7P
   Avalanche Energy Ratings
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com